Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
LTC6952
42
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 28. Block Diagram for JESD204B EZSync Standalone Design Example
Reference and VCO Assumptions
For this example, assume the available reference is a
100MHz sine wave oscillator with 8dBm output power, and
the VCO is a 4000MHz oscillator with a KVCO of 5MHz/V,
output power of 7dBm, and phase noise of –115dBc/Hz
at 10kHz.
fREF = 100MHz
fVCO = 4000MHz
KVCO = 5MHz/V
Design Procedure
Designing and enabling this clock generation solution
consists of the following steps:
1. Determine R and N divider values
2. Determine the optimum loop bandwidth
3. Select loop filter component values
4. Determine all output modes
5. Determine all M divider values
6. Determine all digital delay values
7. Program the IC with the correct divider values,
output delays, and other settings
8. Synchronize the outputs
9. Place the SYSREF outputs in a lower power mode
until the next SYSREF request (optional, see Opera-
tions section)
10. Place IC into SYSREF request mode (SRQMD=1) and
send a SYSREF request when needed
11. Return IC into SYNC mode (SRQMD=0) and place the
SYSREF outputs into a lower power mode for power
savings (optional).
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed, or if the divider is
powered down.
Determining R and N Divider Values
Following the “Loop Filter Design” algorithm, first deter-
mine all the divider values. From the Electrical Character-
istics, the maximum fPFD is 167MHz, which is larger than
the fREF of 100MHz. Therefore R should be “1” noting
that maximizing fPFD in a data converter application will
minimize integrated jitter. Use Equation 4 to determine
fPFD and Equation 6 to determine N:
R = 1
fPFD = fREF/R = 100MHz
N = fVCO/fPFD = 40
CP
M0
NDIV
VCO
RDIV
LF(s)
EZS_SRQ±
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
REF
SSRQ BIT
ADC0
SYSREF
CLK
ADC1
SYSREF
CLK
DEV CLK
SYSREF
MGMT CLK
FPGA
SYSREF
SYSREF
CLK
CLK
DAC1
DAC0
LTC6952
VCO±
INPUT/OUTPUT TERMINATIONS AND
AC COUPLING CAPS NOT SHOWN.
6952 F28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com