Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
LTC6952
29
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Figure 15. Flowchart to Determine the Best Synchronization Protocol for a Given Application
Inputs:
TP = Total number of JESD device clock/SYSREF Pairs
LNP = Number of JESD Pairs requiring low noise (< 100fs) device clocks
TS = Total number of stand alone clock signals
LNS = Number of required low noise (< 100fs) stand alone clocks
T = 2TP + TS
START
JESD204B Application?
Inputs:
T = Total number of clock signals
LNS = Number of required low noise (< 100fs) clocks
T ≤ 11 ?
Use EZSync Standalone
T ≤ 11 ?
T ≤ 56
AND TP ≤ 25
AND LNS ≤ 11 – 2P – 2LNP
AND LNP ≤ 5 – P ?
Use EZSync Multi-Chip with
Request Passthrough
(1 Controller and P Followers)
T ≤ 56
AND LNS ≤ 11 – 2P ?
Use ParallelSync with LTC6953
Reference Distribution (P Parallel Parts)
T ≤ 55
AND TP ≤ 25 ?
T ≤ 121
AND LNS ≤ 11 – P ?
T ≤ 121
AND TP ≤ 55
AND LNS ≤ 11 – P – 2LNP
AND LNP ≤ (55 – TP)/9 ?
Use Standard EZSync Multi-Chip
(1 Controller and P Followers)
Use Standard ParallelSync
Multi-Chip (P Parallel Parts)
Yes
Yes
No
No
Yes
Yes
Yes
Yes
No
No
6952 FC
Yes
No
No
No
No
Yes
Yes
No
NOTE: Ceiling() function means
round up to the next highest integer
P =Ceiling Max
T – 11
9
,
TP – 5
4
!
"
#
$
%
&
'
(
)
*
+
,
P =Ceiling
T – 11
9
!
"
#
$
%
&
P =Ceiling Max
T
11
,
TP
5
!
"
#
$
%
&
'
(
)
*
+
,
P =Ceiling Max
T
11
,
TP
5
!
"
#
$
%
&
'
(
)
*
+
,
P =Ceiling
T – 11
10
!
"
#
$
%
&
P =Ceiling Max
T
!11
10
,
TP
!5.5
4.5
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎤
⎦
⎥
P =Ceiling
T
11
!
"
#
$
%
&
P =Ceiling
T
11
!
"
#
$
%
&
T ≤ 55 ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com