Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
LTC6952
28
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
The SYNC/SRQ timing for ParallelSync can be simpli-
fied to a single software bit write by using an LTC6953
(or LTC6952 with its PLL disabled) as the reference and
EZS_SRQ distribution block, as shown in Figure 14. In
this application, the EZS_SRQ outputs of the reference
distribution part should be set to transition on the fall-
ing edge of its corresponding reference clock output. To
achieve this, first synchronize the reference distribution
part using the settings given in Table 18, where DDELREF
can be any valid DDEL value.
Just before sending a SYNC or SYSREF request to the par-
allel parts, set the reference distribution part’s SRQMD bit
to “1”. This will automatically retime the passed-through
requests to the reference clocks. After the request is done,
set the SRQMD bit back to “0” to save supply current
from the reference distribution part. See the Applications
Information section for a programming example.
Table 18. Reference Distribution Divider and DDEL Settings for
ParallelSync
REF CLK
Divide
REF CLK
DDEL
EZS_SRQ
Divide
EZS_SRQ
DDEL
1
DDELREF
2
DDELREF+1
2
DDELREF
2
DDELREF+2
3
DDELREF
3
DDELREF+3
4
DDELREF
4
DDELREF+4
REF Divide >4
DDELREF
=REF Divide
DDELREF
Part-to-part skew in a ParallelSync application can be
minimized by setting the RAO bit in register h06 to “1”.
RAO stands for “reference aligned output”, and it aligns
internal delays such that the output rising edge will always
occur at an exact integer number of VCO clock cycles from
the incoming reference signal. The trade-off for using the
RAO mode is slightly degraded PLL in-band noise (<1.0dB).
To determine the best configuration for a given application,
the flowchart in Figure 15 can be used. This flowchart
uses the parameters from Table 17 to guide the user to
the most suitable configuration.
OPERATION
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
100Ω
OUTx±
EZS_SRQ+
REF+
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
LTC6952
#1
11 OUTPUTS
VCO±
REF IN
LTC6953 or
LTC6952
REFERENCE
DISTRIBUTION
OUT0–
REF–
LTC6952
#2
OUT1–
OUTx±
LTC6952
#3
11 OUTPUTS
LTC6952
#4
OUT2–
OUT3–
OUTx±
11 OUTPUTS
OUTx±
11 OUTPUTS
OUT4–
OUT5–
OUT6–
OUT7–
OUTx±
11 OUTPUTS
LTC6952
#5
OUT10–
OUT8–
OUT9–
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
1 OUTPUT
EZS_SRQ CONNECTIONS
MUST BE DC COUPLED
CP
LF(s)
VCO±
VCO
CP
LF(s)
VCO±
VCO
CP
LF(s)
VCO±
VCO
CP
LF(s)
VCO±
VCO
CP
LF(s)
VCO±
VCO
REF+
REF–
REF+
REF–
REF+
REF–
REF+
REF–
6952 F14
SYNC OR
SYSREF
REQUEST:
TOGGLE PIN
OR WRITE
SSRQ BIT
Figure 14. ParallelSync Multi-Chip Synchronization
with LTC6953 or LTC6952 Reference Distribution
Depending on the user’s system requirements, many
simplifications or additions can be made for multiple chip
synchronization. For example, the above applications only
assume a maximum of two stages, even though more
stages can be added to increase the number of outputs.
However, these applications are beyond the scope of this
data sheet. Please contact the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com