Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 5Page - Analog Devices LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
LTC6952
9
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
Total Closed Loop Phase Noise
fVCO= 4GHz, Mx = 1
Total Closed Loop Phase Noise,
fVCO = 4GHz, Mx = 2, 4, 8, and 16
Total Open Loop Phase Noise
FIN = 100MHz Sine Wave
Additive Jitter vs Input Slew Rate,
ADC SNR Method
Additive Jitter vs Divider Setting,
ADC SNR Method
Normalized In-Band Phase Noise
Floor vs CP Current
Additive Jitter vs ADEL Value,
ADC SNR Method fVCO = 4GHz,
Mx = 2, 4, 8, and 16
Additive Jitter vs DDEL Value,
ADC SNR Method fVCO = 4GHz,
Mx = 1, 2, 4, 8, and 16
Differential Output at 4.5GHz
TA = 25°C, VREF+ = VOUT+ = VD+ = VVCO+ = 3.3V,
VCP+ = 5V, unless otherwise noted.
VCO: CVCO55CC–4000–4000
NOTES 10, 13
VCO OUTPUT
LTC6952 OUTPUT
OFFSET FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6952 G01
VCO: CVCO55CC–4000–4000
NOTES 10, 13
2GHz
1GHz
500MHz
250MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6952 G02
Mx = 1
PASCAL_OCXO
10dBm, FILTV=0
10dBm, FILTV=1
0dBm, FILTV=0
0dBm, FILTV=1
–10dBm, FILTV=0
–10dBm, FILTV=1
OFFSET FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6952 G03
Mx = 1
NOTES 8, 15
FILTV=0
FILTV=1
INPUT SLEW RATE (V/ns)
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
6952 G04
NOTES 8, 15
ODD DIVIDER
EVEN DIVIDER
OUTPUT DIVIDER VALUE
0
4
8
12
16
20
24
28
32
50
55
60
65
70
75
80
85
90
95
100
6952 G05
RAO = 1
RAO = 0
ICP (mA)
0.5
2.0
3.5
5.0
6.5
8.0
9.5
11.0
–230
–229
–228
–227
–226
–225
–224
–223
6952 G06
NOTES 8, 15
250MHz
500MHz
1GHz
2GHz
ADEL VALUE
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
400
450
500
6952 G07
NOTES 8, 15
250 MHz
500 MHz
1000 MHZ
2000 MHz
4000 MHz
DDEL VALUE
0
200
400
600
800
1000
0
50
100
150
200
250
300
350
400
450
500
6952 G08
100ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
6952 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com