Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 71 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
LTC6952
71
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
USING THE LTC6952 TO DRIVE AC COUPLED SYSREF
INPUTS IN CONTINUOUS OR GATED MODE
Some converters cannot accept a 2.3V common mode
CML signal. In this situation, the SYSREF must be AC
coupled. AC coupling complicates the usage of SYSREF
since it is generally not continuously operational, lead-
ing to long settling time requirements before a SYSREF
is requested. However, AC coupling on SYSREF can be
accomplished by using the connections shown in Figure
49 for continuous or gated SYSREF pulses (MODEx = 0
or 1). Note that some receiver devices have the 100Ω
termination resistor internal to the part, in which case the
external 100Ω resistor is unnecessary for continuous or
gated SYSREFs.
Continuous or Gated SYSREFs (MODEx = 0 or 1)
1. Enable the LTC6952 SYSREF output drivers by setting
PDx = 0 and set SRQMD = 1.
2. If gated SYSREFs (MODEx = 1) are being used, set
SSRQ or the EZS_SRQ inputs to “1”.
3. Wait for a settling period of at least tsettleC.
4. Set the receiver device to accept SYSREFs.
5. After the SYSREFs have been accepted by the receiver
device, set the device to stop accepting SYSREFs.
6. If gated SYSREFs (MODEx = 1) are being used, set
SSRQ or the EZS_SRQ inputs to “0”.
7. Disable the LTC6952 SYSREF output drivers by setting
PDx = 2 and set SRQMD = 0.
USING THE LTC6952 TO DRIVE AC COUPLED SYSREF
INPUTS IN PULSED MODE
If AC coupling is required for pulsed SYSREF applications
(MODEx = 3), the connections shown in Figure 50 can be
used. Note that some receiver devices have the 100Ω ter-
mination resistor internal to the part. In this situation, the
use of AC coupled, pulsed SYSREFs is not recommended.
RDIFF/2
RDIFF/2
RCM
100Ω
CAC
CAC
R1
R2
ADC, DAC, or FPGA
SYSREF+
SYSREF–
VCM
OUTx+
OUTx–
LTC6952
Z0
Z0
VDD
6952 F50
100Ω
CAC
CAC
RDIFF/2
RDIFF/2
RCM
6952 F49
OUTx+
OUTx–
LTC6952
Z0
Z0
ADC, DAC, or FPGA
SYSREF+
SYSREF–
VCM
Settling time for continuous or gated SYSREF connections
is determined by the AC coupling capacitors (CAC), and
both the differential and common mode input resistances
of the receiver device (RDIFF and RCM):
tsettleC ≅ 10 • (2RCM + RDIFF/2) • CAC
Use the following procedure to achieve correct JESD204B
SYSREF behavior for AC coupled continuous or gated
SYSREFs.
These methods assume that the SYSREF outputs have
already been synchronized and that the SYSREF output
drivers have been disabled for power savings (PDx = 2).
Figure 49. OUTx CML AC Coupled Connections to SYSREF Inputs
for Continuous or Gated Mode Operation
Figure 50. OUTx CML AC Coupled Connections to SYSREF Inputs
for Pulsed Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com