Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices LTC6952 Datasheet HTML 47Page - Analog Devices LTC6952 Datasheet HTML 48Page - Analog Devices LTC6952 Datasheet HTML 49Page - Analog Devices LTC6952 Datasheet HTML 50Page - Analog Devices LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
LTC6952
49
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
To determine which multi-chip configuration to use, we
utilize the flowchart in Figure 15. This example has nine
total JESD204B device clock/SYSREF pairs, four of which
need to be less than 100fs total jitter. We also need one
additional non-low noise standalone clock for the FPGA.
Therefore:
TP = 9
LNP = 4
TS = 1
LNS = 0
Based on these inputs, Figure 15 suggests using the
EZSync Multi-Chip protocol with request passthrough
topology shown in Figure 12, using one CONTROLLER
and one FOLLOWER chip. Noting that the use of LTC6953
for any FOLLOWER chips is recommended, Figure 32
shows a block diagram of the full system. OUT8 of the
CONTROLLER LTC6952 is driving the IN± inputs of the
FOLLOWER LTC6953. This output is referred to as the
“follower-driver” output. OUT9 of the CONTROLLER is
driving the EZS_SRQ± pins of the FOLLOWER, and is
therefore the SYNC/SRQ passthrough output. Also notice
that the CONTROLLER clock outputs are the lowest jitter
clocks, and should therefore be used to drive the ADCs.
Reference and VCO Assumptions
For this example, assume the available reference is a
100MHz sine wave oscillator with 8dBm output power, and
the VCO is a 4000MHz oscillator with a KVCO of 5MHz/V,
output power of 7dBm, and phase noise of –115dBc/Hz
at 10kHz.
fREF = 100MHz
fVCO = 4000MHz
KVCO = 5MHz/V
Design Procedure
Designing and enabling this clock generation solution
consists of the following steps:
APPLICATIONS INFORMATION
1. Determine CONTROLLER R and N divider values
2. Determine the optimum loop bandwidth
3. Select loop filter component values
4. Determine all output modes for CONTROLLER and
FOLLOWER
5. Determine all M divider values
6. Determine all digital delay values
7. Program the ICs with the correct divider values, output
delays, and other settings
8. Synchronize the outputs
9. Place the SYSREF outputs in a lower power mode
until the next SYSREF request (optional, see Opera-
tions section)
10. Place ICs into SYSREF request mode (SRQMD=1) and
send a SYSREF request when needed
11. Return IC into SYNC mode (SRQMD=0) and place the
SYSREF outputs into a lower power mode for power
savings (optional).
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed, or if the divider is
powered down.
Determining CONTROLLER R and N Divider Values
Following the “Loop Filter Design” algorithm, first deter-
mine all the divider values. From the Electrical Charac-
teristics, the maximum fPFD is 167MHz, which is larger
than the fREF of 100MHz. Therefore R should be 1 noting
that maximizing fPFD in a data converter application will
minimize integrated jitter. Use Equation 4 to determine
fPFD and Equation 6 to determine N:
R = 1
fPFD = fREF/R = 100MHz
N = fVCO/fPFD = 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com