Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices LTC6952 Datasheet HTML 16Page - Analog Devices LTC6952 Datasheet HTML 17Page - Analog Devices LTC6952 Datasheet HTML 18Page - Analog Devices LTC6952 Datasheet HTML 19Page - Analog Devices LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
LTC6952
17
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
The LTC6952 is a high-performance integer-N PLL and
multi-output clock generator that operates up to 4.5GHz.
Utilizing Analog Devices’ proprietary EZSync and Paral-
lelSync standards, users of the LTC6952 can synchronize
clocks across multiple outputs and multiple chips. Using
an external low-noise VCO, the device is able to achieve
superior integrated jitter performance by the combination
of its extremely low in-band phase noise and excellent
output noise floor. For JESD204B subclass 1 applications,
the LTC6952 also provides several convenient methods
to generate SYSREF pulses.
REFERENCE INPUT BUFFER
The PLL’s reference frequency is applied differentially on
pins REF+ and REF–. These high-impedance inputs are
self-biased and should be AC coupled with 1µF capacitors
(see Figure 1 for a simplified schematic). Alternatively, the
inputs may be used single-ended by applying the refer-
ence frequency at REF– and bypassing REF+ to GND with
a 1µF capacitor. If the single-ended signal is greater than
2.7VP-P, then use a 47pF capacitor for the GND bypass.
Additional options are available through serial port register
h02 to further refine the application. Bit FILTR controls
the reference input buffer’s low-pass filter, and should
be set for sine wave signals based upon fREF to limit the
reference’s wideband noise. The FILTR bit must be set
correctly to reach the LNORM normalized in-band phase
noise floor. See Table 1 for recommended settings. Square
wave inputs will have FILTR set to a “0”.
Table 1. FILTR Programming
FILTR
Sine Wave fREF
Square Wave fREF
1
< 20MHz
N/A
0
≥ 20MHz
All fREF
The BST bit should be set based upon the input signal level
to prevent the reference input buffer from saturating. The
BST programming is the same whether the input is a sine
wave or a square wave. See Table 2 for recommended
settings and the Applications Information section for
programming examples.
Table 2. BST Programming
BST
VREF
1
< 1.6 VP-P
0
≥ 1.6 VP-P
Reference Peak Detector
A reference input peak detection circuit is provided on the
REF± inputs to detect the presence of a reference signal
and provides the REFOK and REFOK status flags available
through both the STAT output and serial port register
h00. REFOK is the logical inverse of REFOK. The circuit
has hysteresis to prevent the REFOK flag from chattering
at the detection threshold. The reference peak detector
may be powered-down using the PDREFPK bit found in
register h02.
The peak detector approximates an RMS detector, therefore
sine and square wave inputs will give different detection
thresholds by a factor of 4/π. See Table 3 for REFOK
detection values.
Table 3. REFOK, REFOK Status Output vs REF Input
REFOK
REFOK
Sine Wave fREF
Square Wave fREF
1
0
≥ 350mVP–P
≥ 275mVP–P
0
1
< 100mVP–P
< 75mVP–P
2.1k
REF+
REF–
2.1k
400Ω
6952 F01
1.9V
BST
BIAS
VREF
+
VREF
+
FILTR
Figure 1. Simplified REF Interface Schematic
A high quality signal must be applied to the REF± inputs
as they provide the frequency reference to the entire PLL.
To achieve the part’s in-band phase noise performance,
apply a sine wave signal of at least 6dBm into 50Ω, or a
square wave of at least 0.5VP-P, with slew rate of at least
20V/µs. See the Applications Information section for more
information on reference input signal requirements and
interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com