Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 1 Page - Analog Devices

  LTC6952 Datasheet HTML 1Page - Analog Devices LTC6952 Datasheet HTML 2Page - Analog Devices LTC6952 Datasheet HTML 3Page - Analog Devices LTC6952 Datasheet HTML 4Page - Analog Devices LTC6952 Datasheet HTML 5Page - Analog Devices LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
LTC6952
1
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultralow Jitter, 4.5GHz PLL
with 11 Outputs and JESD204B Support
The LTC®6952 is a high performance, ultralow jitter,
JESD204B clock generation and distribution IC. It includes
a Phase Locked Loop (PLL) core, consisting of a reference
divider, phase-frequency detector (PFD) with a phase-lock
indicator, ultralow noise charge pump and integer feedback
divider. The LTC6952’s eleven outputs can be configured
as up to five JESD204B subclass 1 device clock/SYSREF
pairs plus one general purpose output, or simply eleven
general purpose clock outputs for non-JESD204B applica-
tions. Each output has its own individually programmable
frequency divider and output driver. All outputs can also
be synchronized and set to precise phase alignment using
individual coarse half-cycle digital delays and fine analog
time delays.
For applications requiring more than eleven total outputs,
multiple LTC6952s can be connected together using the
EZSync or ParallelSync synchronization protocols.
APPLICATIONS
n
JESD204B, Subclass 1 SYSREF Signal Generation
n
Low Noise Integer-N PLL
n
Additive Output Jitter < 6fsRMS
(Integration BW = 12kHz to 20MHz, f = 4.5GHz)
n
Additive Output Jitter 65fsRMS (ADC SNR Method)
n
EZSync™, ParallelSync™ Multichip Synchronization
n
–229dBc/Hz Normalized In-Band Phase Noise Floor
n
–281dBc/Hz Normalized In-Band 1/f Noise
n
Eleven Independent, Low Noise Outputs with
Programmable Coarse Digital and Fine Analog Delays
n
Flexible Outputs Can Serve as Either a Device Clock
or SYSREF Signal
n
Reference Input Frequency up to 500MHz
n
LTC6952Wizard™ Software Design Tool Support
n
–40ºC to 125°C Operating Junction Temperature Range
n
High Performance Data Converter Clocking
n
Wireless Infrastructure
n
Test and Measurement
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 8319551 and 8819472.
LTC6952 Phase Noise
33nF
22nF
48.7Ω
1.2µF
48.7Ω
49.9Ω
1µF
1µF
0.1µF
75Ω
30Ω
0.1µF
100Ω
1µF
0.1µF
0.1µF
100Ω
0.47µF
CP
Pascal OCXO-E
100MHz Ref Osc
Crystek
CVCO55CC-
4000-4000
VCO+
VCO–
REF+
REF–
VOUT
+
VREF
+ VD+
VCP
+
3.3V
5V
Vtune
VVCO
+
LTC6952
LTC6952Wizard REGISTER VALUES:
FILE: LTC6952 EZSync STANDALONE
3.3V
EZS_SRQ+
EZS_SRQ–
OUTx+
OUTx–
TO SYNC OUTPUTS:
TOGGLE SSYNC REGISTER BIT
6952 TA01a
12.5MHz ADC SYSREF
500MHz ADC CLOCK
500MHz ADC CLOCK
4GHz DAC CLOCK
4GHz DAC CLOCK
125MHz FPGA CLOCK
100MHz FPGA MGMT CLOCK
OUT10±
OUT6±
OUT7±
OUT8±
OUT9±
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
12.5MHz ADC SYSREF
12.5MHz FPGA SYSREF
12.5MHz DAC SYSREF
12.5MHz DAC SYSREF
OUTPUT TERMINATION DETAIL
RMS JITTER = 65fs
EQUIVALENT ADC SNR METHOD
NOTES 10, 13
4GHz
500MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6952 TA01b
Document Feedback


Similar Part No. - LTC6952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK0482X TI1-LMK0482X Datasheet
2Mb / 114P
JEDEC JESD204B Support
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
HMC7043 AD-HMC7043 Datasheet
919Kb / 44P
JEDEC JESD204B support
Rev. B
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
logo
Analog Devices
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
LTC6955 AD-LTC6955 Datasheet
335Kb / 22P
Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com