Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 4 Page - Analog Devices

  LTC6952 Datasheet HTML 1Page - Analog Devices LTC6952 Datasheet HTML 2Page - Analog Devices LTC6952 Datasheet HTML 3Page - Analog Devices LTC6952 Datasheet HTML 4Page - Analog Devices LTC6952 Datasheet HTML 5Page - Analog Devices LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
LTC6952
4
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ (VREF+, VVCO+, VD+, VOUT+) to GND .....................3.6V
VCP+ to GND.............................................................5.5V
Voltage on CP Pin ..................GND - 0.3V to VCP+ + 0.3V
Voltage on all other Pins ........... GND - 0.3V to V+ + 0.3V
Current into OUTx+, OUTx–, (x = 0 to 10).............±25mA
Operating Junction Temperature Range, TJ (Note 2)
LTC6952I ............................................... –40°C to 125°C
Junction Temperature, TJMAX................................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
16
15
17 18 19
TOP VIEW
53
GND
UKG PACKAGE
52-LEAD (7mm
× 8mm) PLASTIC QFN
TJMAX = 125°C, θJA = 2°C/W
EXPOSED PAD (PIN #53) IS GND, MUST BE SOLDERED TO PCB
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
CS
VD
+
OUT10–
OUT10+
VOUT
+
OUT9–
OUT9+
VOUT
+
OUT8–
OUT8+
VOUT
+
OUT7–
OUT7+
VOUT
+
SD
VVCO
+
VCO–
VCO+
NC
VOUT
+
OUT0+
OUT0–
VOUT
+
OUT1+
OUT1–
VOUT
+
OUT2+
OUT2–
32
31
30
29
28
27
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com