Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices LTC6952 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
LTC6952
12
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
REF Input Sensitivity
vs Frequency, Temperature
REF Input Signal Detected
vs Frequency, Temperature
VCO Input Signal Detected
vs Frequency, Temperature
Supply Current vs Junction
Temperature, All Outputs Enabled
3.3V Supply Current
vs Number of Disabled Outputs
Spurious Response, fOUT = 4GHz,
fVCO = 4GHz, fREF = 100MHz,
fPFD = 10MHz, Loop BW = 5kHz
Spurious Response, fOUT = 4GHz,
fVCO = 4GHz, fREF = 100MHz,
fPFD = 100MHz, Loop BW = 16kHz
Spurious Response, fOUT = 4GHz,
fVCO = 4GHz, fREF = 100MHz,
fPFD = 10MHz, Loop BW = 5kHz
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VREF
+ = VOUT+ = VD+ = VVCO+ = 3.3V,
VCP+ = 5V, unless otherwise noted.
BST = 1
FILTR = 0
NOTE 14
125°C
25°C
–40°C
FREQUENCY (MHz)
0
50 100 150 200 250 300 350 400 450 500
–65
–60
–55
–50
–45
–40
–35
–30
–25
6952 G28
BST = 1
FILTR = 0
125°C
25°C
–40°C
FREQUENCY (MHz)
0
50 100 150 200 250 300 350 400 450 500
125
150
175
200
225
250
6952 G29
FILTV = 0
NOTE 21
125°C
25°C
–40°C
FREQUENCY (MHz)
0
500
1500
2500
3500
4500
–16
–14
–12
–10
–8
–6
6952 G30
VBW = 1Hz
RBW = 1Hz
NOTES 14, 18
FREQUENCY OFFSET (MHz in 10kHz SEGMENTS)
–400–300–200 –100 0
100 200 300 400
–160
–140
–120
–100
–80
–60
–40
–20
0
6952 G31
VBW = 1Hz
RBW = 1Hz
NOTES 14, 18
FREQUENCY OFFSET (MHz in 10kHz SEGMENTS)
–40 –30 –20 –10
0
10
20
30
40
–160
–140
–120
–100
–80
–60
–40
–20
0
6952 G32
VBW = 1Hz
RBW = 1Hz
NOTES 14, 18
FREQUENCY OFFSET (MHz in 10kHz SEGMENTS)
–400–300–200 –100 0
100 200 300 400
–160
–140
–120
–100
–80
–60
–40
–20
0
6952 G33
ICP = 11.2mA
NOTE 5
5V
3.3V
TJ (°C)
–40 –20
0
20
40
60
80
100 120
30
32
34
36
38
880
890
900
910
920
6952 G34
FULLY DISABLED (PDx=3)
DRIVER ONLY DISABLED (PDx=2)
NUMBER OF DISABLED OUTPUTS
0
1
2
3
4
5
6
7
8
9 10 11
0
100
200
300
400
500
600
700
800
900
1000
6952 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com