Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 63 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
LTC6952
63
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Parallel LTC6952 Synchronization
The outputs of the parallel LTC6952s in this example are
now running at the desired frequency, but have random
phase relationships with each other. Synchronization forces
the outputs to run at known and repeatable phases and can
be achieved in this example either externally, by driving
the REF LTC6953’s EZS_SRQ± pins, or internally, with the
REF LTC6953’s SSRQ bit in Reg0B. For this example, use
the SSRQ bit and hold the EZS_SRQ± pins low:
REF LTC6953 Reg0B = h05
After waiting a minimum of 1ms, write Reg0B again:
REF LTC6953 Reg0B = h04
Once the internal synchronization process completes, the
outputs will be aligned as shown in Figure 36. Note that the
internal divider behavior for the muted SYSREF outputs
is shown as well as the actual outputs to demonstrate the
phase alignment following synchronization.
Putting the ICs into a Low Power Mode (Optional)
If desired, the ICs can be placed into lower power modes
while awaiting a SYSREF request. This is achieved by set-
ting PDx = 2 for all SYSREF-defined outputs. This powers
down the output driver circuitry but leaves the internal
divider running and in the correct phase relationship to
the clocks.
ADC DEVICE CLOCKS
(OUT1, 3, 5 AND 7)
ADC DEVICE CLOCKS
(OUT4, 6, 8 AND 10)
EZS_SRQ OR SSRQ BIT
ON REFERENCE LTC6953
REF LTC6953 OUTPUTS
LTC6952 #1 OUTPUTS
LTC6952 #2 OUTPUTS
ADC SYSREFs
(MUTED OUT0, 2, 4 AND 6)
ADC SYSREFs
(MUTED OUT3, 5, 7 AND 9)
FPGA SYSREF
(MUTED OUT1)
FPGA DEVICE CLOCK
(OUT2)
SYSREF VALID CLOCK EDGE
NOT SYNCHRONIZED, PHASE UNDETERMINED
6952 F36
FPGA MANAGEMENT CLOCK
(OUT10)
INTERNAL ADC SYSREF DIVIDERS
(MUTED OUT0, 2, 4 AND 6)
INTERNAL ADC SYSREF DIVIDERS
(MUTED OUT3, 5, 7 AND 9)
INTERNAL FPGA SYSREF DIVIDER
(MUTED OUT1)
REFERENCE CLOCKS
(OUT0 AND 2)
SRQ PASSTHROUGH
(OUT1 and 3)
Figure 36. Outputs after Synchronization for the ParallelSync Design Example (SRQMD=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com