Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices LTC6952 Datasheet HTML 76Page - Analog Devices LTC6952 Datasheet HTML 77Page - Analog Devices LTC6952 Datasheet HTML 78Page - Analog Devices LTC6952 Datasheet HTML 79Page - Analog Devices LTC6952 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
LTC6952
80
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
 ANALOG DEVICES, INC. 2018
D16968-0-5/18(PrA)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC6953
Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and
JESD204B Support
Eleven Independent CML Outputs with Dividers and Delays, 65fs
Additive ADC SNR Jitter
LTC6955/LTC6955-1
Ultralow Jitter, 7.5GHz, 11 Output Fanout Buffer Family
Eleven CML Outputs, 45fs Additive ADC SNR Jitter
LTC6945/LTC6946
Ultralow Noise and Spurious Integer-N Synthesizers
370MHz to 6.4GHz, –226dBc/Hz Normalized In-Band Phase Noise
Floor, –157dBc/Hz Wideband Output Phase Noise Floor
LTC6947/LTC6948
Ultralow Noise and Spurious Frac-N Synthesizers
350MHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise
Floor, –157dBc/Hz Wideband Output Phase Noise Floor
LTC6950
1.4GHz Low Phase Noise, Low Jitter PLL with Clock
Distribution
Four Independent LVPECL Outputs with 18fsRMS Additive Jitter
(12kHz to 20MHz)
LTC6951
Ultralow Jitter Multioutput Clock Synthesizer with Integrated
VCO
Four Independent CML Outputs and One LVDS Output, Integrated
VCO, 110fs ADC SNR Jitter
LTC6954
Low Phase Noise, Triple Output Clock Distribution Divider/
Driver
LVPECL, LVDS and CMOS Outputs with < 20fsRMS Additive Jitter
(12kHz to 20MHz)
LTC2123
14-Bit, 250Msps 1.8V Dual ADC, JESD204B Outputs
5Gbps JESD204B Interface, 70dB SNR, 90dB SFDR, 7mm
× 7mm
48-Lead QFN Package
LTC2158
14-Bit, 310Msps 1.8V Dual ADC, DDR LVDS Outputs
68.8dB SNR, 88dB SFDR, 9mm
× 9mm 64-Lead QFN Package
LTC2107
16-Bit, 210Msps High Performance ADC, DDR LVDS Outputs 80dB SNR, 90dB SFDR, 7mm
× 7mm 48-Lead QFN Package
49.9Ω
1µF
1µF
75Ω
30Ω
0.1µF
100Ω
0.1µF
0.1µF
10kΩ
160Ω
100Ω
1µF
48.7Ω
0.1µF
33nF
48.7Ω
1.2µF
0.47µF
100Ω
100Ω
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
22nF
CP
VCO+
VCO–
REF+
REF–
VOUT
+
VREF
+
VD
+
VCP
+
3.3V
5V
VVCO
+
3.3V
OUT10±
LTC6952
OUT6±
OUT7±
OUT8±
OUT9±
Crystek
CVCO55CC-
4000-4000
IN+
IN–
VOUT
+
VD
+
3.3V
VTUNE
VIN
+
OUT0±
4GHz CLOCKS
OUT1±
OUT2±
OUT10+
OUT10–
LTC6955
BUFFER
OUT3±
OUT4±
OUT5±
OUT6+
OUT6–
OUT7±
OUT8+
OUT8–
OUT9±
3.3V
FILT
fVCO
POWERED DOWN OR
ADDITIONAL 4GHZ CLOCKS
SYSREF PAIRS TO
LTC6955 CLOCKS
OUT0+
OUT0–
OUT1±
OUT2+
OUT2–
CAN BE USED AS
CLOCKS ≤ 4GHZ
OR SYSREFS
fOUT = 4GHz
SEL3
SEL2
SEL1
SEL0
3.3V
Crystek
CCHD-575-25-100
100MHz Ref Osc
/1
/1
/1
LTC6952Wizard REGISTER VALUES:
FILE: LTC6952_LTC6955_4GHz
EZS_SRQ+
EZS_SRQ–
TO SYNC OUTPUTS:
TOGGLE SSYNC REGISTER BIT
6952 TA06
OUT3±
OUT4±
OUT5±
LTC6955 vs LTC6952 4GHz Phase Noise
LTC6955 RMS JITTER = 52fs
LTC6952 RMS JITTER = 78fs
EQUIVALENT ADC SNR METHOD
LTC6952 (6 OUTPUTS ON)
LTC6955 (ALL OUTPUT ON)
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6952 TA06a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com