Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
LTC6952
11
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
VCO Propagation Delay
vs Frequency, Temperature
Propagation Delay Variation, VCO
Input to OUT4
Closed Loop Reference to Output
Propagation Delay, RAO = 1
Closed Loop Reference to Output
Propagation Delay, RAO = 0
Charge Pump Hi–Z Current
vs Voltage, Temperature
Charge Pump Sink Current Error
vs Voltage, Output Current
Charge Pump Sink Current Error
vs Voltage, Temperature
Charge Pump Source Current
Error vs Voltage, Output Current
Charge Pump Source Current
Error vs Voltage, Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VREF
+ = VOUT+ = VD+ = VVCO+ = 3.3V,
VCP+ = 5V, unless otherwise noted.
FILTV = 0
125°C
70°C
25°C
–40°C
FREQUENCY (MHz)
0
1000
2000
3000
4000
280
290
300
310
320
330
340
350
360
370
380
6952 G19
NOTE 17
fVCO = 4.5GHz
Mx = 16
SKEW (ps)
325
330
335
340
345
0
5
9
14
6952 G20
NOTES 17, 19
TPD-REF (ps)
–50
–25
0
25
50
0
5
10
15
6952 G21
NOTES 17, 19
TPD–REF (ps)
400
425
450
475
500
0
5
9
14
6952 G22
ICP = 11.2mA
CPRST=1
125°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–10
–8
–6
–4
–2
0
2
4
6
8
10
6952 G23
423µA
5.61mA
11.2mA
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6952 G24
ICP = 11.2mA
125°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6952 G25
423uA
5.61mA
11.2mA
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6952 G26
ICP = 11.2mA
125°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
6952 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com