Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 19Page - Analog Devices LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
LTC6952
23
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Figure 9. Simplified EZS_SRQ Interface Schematic
VREF
+
FILTR
BIAS
28kΩ
28kΩ
7kΩ
EZS_SRQ+
EZS_SRQ–
0.8V
CMOS
CMOS
CMOS
CMOS
CMOS
2.1V
6952 F09
Note that synchronization MUST be performed before a
SYSREF request. The synchronization must be repeated
only if the divider setting is changed, or if the divider is
powered down.
Table 12. Purpose of EZS_SRQ± pins and SSRQ bit
SRQMD
EZS_SRQ PINS
SSRQ BIT
PARSYNC=0
PARSYNC=1
PARSYNC=0
PARSYNC=1
0
Synchronization
Request
(SYNC)
Synchronization
Request
(SYNC)
Synchronization
Request
(SYNC)
Disabled
1
SYSREF
Request
(SYSREQ)
SYSREF
Request
(SYSREQ)
SYSREF
Request
(SYSREQ)
Disabled
Synchronization Overview
The goal of synchronization is to align all output dividers
on single or multiple LTC6952s (or other EZSync or Paral-
lelSync Analog Devices clock devices) into a known phase
relationship. At initial power-up, after a power-on reset
(POR), or any time the output divide values are changed,
the outputs will not be synchronized. Any changes to the
output digital delays (DDELx) will not be reflected until after
synchronization. Although the outputs will be at the correct
frequency without synchronization, the phases will have an
unknown relationship until a synchronization event occurs.
To enable synchronization on the LTC6952, the SRQMD
bit in register h0B must be set to “0”. Synchronization
begins either with the EZS_SRQ input driven to a high
state or by writing “1” to the SSRQ bit (only if PARSYNC
= 0). For any output with its SRQENx bit set to “1”, the
output divider will stop running and return to a logic “0”
state after an internal timing delay of greater than 100μs.
The EZS_SRQ input state or SSRQ bit must remain high
for a minimum of 1ms.
Additionally, if bit PARSYNC is set to “1” when the EZS_SRQ
input is driven high, the R divider for R ≥ 2 is reset as
shown in Figure 2 and explained in the Reference Divider
(R) section. This synchronizes the internal PFD reference
inputs on multiple parallel LTC6952s.
When the EZS_SRQ input is driven back low, or “0” is written
to the SSRQ bit (only if PARSYNC = 0), the synchronized
internal dividers will start after an initial latency dependent
on the settings of bits PDPLL and PARSYNC , as shown
in Table 13 and Table 14. Outputs with DDELx≠0 will be
delayed by an extra DDELx/2 VCO cycles. The behavior of
each output will be defined individually by the output’s cor-
responding SRQENx and MODEx bits also shown in Table
13 and Table 14. All dividers with the same DDELx delay
setting will have their output rising edge occur within the
skew times as defined in the Electrical Characteristics table.
The range of each delay is 0 to 4095 VCO half cycles and is
independent of the divide ratio setting of each divider. See
the Applications Information section for synchronization
programming examples. Additionally, the LTC6952Wizard
may be used to visualize these timing relationships.
SYSREF Generation Overview
The JESD204B subclass 1 specification describes a method
to align multiple data converter devices (ADCs or DACs)
in time and provide repeatable and programmable latency
across the serial link with a logic device (FPGA). The Local
Multi-Frame Clocks (LMFC) and internal clock dividers on
all devices in the system are synchronized by a pulse (or
pulse train) named SYSREF. Care must be taken to make
sure the SYSREF signal remains synchronized to the ADC,
DAC, and FPGA clocks and meets setup and hold timing
as specified by the devices.
is disabled when PARSYNC is “1” due to setup and hold
time requirements to the REF input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com