Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 18Page - Analog Devices LTC6952 Datasheet HTML 19Page - Analog Devices LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
LTC6952
22
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Figure 7 shows the approximate analog delay time (tADELx)
vs ADELx and output frequency. Note that the y-axis is
logarithmic scale, and that analog delay is zero for ADEL = 0.
See the Applications Information section for a more com-
prehensive method of calculating expected analog delay.
OPERATION
< 300MHz
500MHz
750MHz
1GHz
1.5GHz
1.75GHz
2.25GHz
ADEL CODE
0
10
20
30
40
50
60
80
160
320
640
1280
6952 F07
Figure 7. Analog Delay vs ADEL Code and Output Frequency
Figure 8. Simplified CML Interface Schematic (All OUTx)
Use caution when using analog delay on device clocks
as this will degrade jitter. Digital delay should be used
whenever possible since it does not impact performance.
The maximum value of analog delay will never need to be
more than half of a VCO input period.
Analog delays are always enabled regardless of the value
of the SRQENx bits, and they take effect immediately upon
a write to the ADELx registers. However, changes in ADEL
can cause the output to glitch temporarily, especially
switching between ADEL=0 and ADEL≠0. See the Appli-
cations Information section for details on the use of the
analog delay settings. The LTC6952Wizard may be used
for ADEL calculation and visualization.
CML OUTPUT BUFFERS (OUT0 TO OUT10)
All of the outputs are very low noise, low skew 2.5V CML
buffers. Each output can be either AC or DC coupled, and
terminated with 100Ω differentially. If a single-ended output
is desired, each side of the CML output can be individually
AC coupled and terminated with 50Ω. The OINVx bits can
selectively invert the sense of each output to facilitate board
routing without having to cross matched length traces.
OINVx also determines the state of the output in a muted
VOUT
+
OUTx+
33Ω
50Ω
50Ω
OUTx–
6952 F08
OUTPUT SYNCHRONIZATION AND SYSREF GENERATION
The LTC6952 has circuitry to allow all outputs to be
synchronized into known phase alignments in multiple
ways to suit different applications using the EZSync and
ParallelSync Multichip Clock Edge Synchronization pro-
tocols. Synchronization can be between any combination
of outputs on the same chip (EZSync Standalone), across
multiple cascaded follower chips (EZSync Multi-Chip), or
even across multiple parallel chips on the same reference
domain (ParallelSync). Once the outputs are at the correct
frequency and synchronized, the LTC6952 also has the
ability to produce free-running, gated, or finitely pulsed
SYSREF signals as indicated by the JESD204B subclass 1
specification.
EZS_SRQ Input Buffer
Both synchronization and SYSREF requests are achieved
by either a software signal (bit SSRQ in register h0B) or
a voltage signal on the EZS_SRQ± pins. The voltage on
these pins may be any differential signal within the speci-
fications in the Electrical Characteristics, or alternatively
a CMOS signal on EZS_SRQ+ while EZS_SRQ– is tied to
GND. A simplified schematic of the EZS_SRQ input is
shown in Figure 9. When using the SSRQ bit, the state of
the EZS_SRQ± pins must be a logic “0”, easily achieved
by setting both EZS_SRQ± pins to GND. Likewise, when
using the EZS_SRQ± pins, bit SSRQ must be set to “0”.
Table 12 shows the use of the EZS_SRQ± pins and SSRQ
bit vs the SRQMD and PARSYNC bits. SSRQ bit control
condition (PDx = 1) as shown in Table 10. See Figure 8
for circuit details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com