Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 4Page - Analog Devices LTC6952 Datasheet HTML 5Page - Analog Devices LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
LTC6952
8
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VVCO+ = VOUT+ = 3.3V, VCP+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Additive Phase Noise, Jitter and Spurious (Note 8)
Output Noise/Jitter: Distribution Section Only
(fVCO = 4.5GHz, fOUTx = 4.5GHz, Mx = 1)
Phase Noise Floor
RMS Jitter, 12kHz to 20MHz Integration BW
RMS Jitter, ADC SNR Method (Note 15)
–154.3
6
65
dBc/Hz
fsRMS
fsRMS
Output Noise/Jitter: Distribution Section Only
(fVCO = 4.5GHz, fOUTx = 2.25GHz, Mx = 2)
Phase Noise Floor
RMS Jitter, 12kHz to 20MHz Integration BW
RMS Jitter, ADC SNR Method (Note 15)
–157.1
8
66
dBc/Hz
fsRMS
fsRMS
Output Noise/Jitter: Distribution Section Only
(fVCO = 4.5GHz, fOUTx = 1.125GHz, Mx = 4)
Phase Noise Floor
RMS Jitter, 12kHz to 20MHz Integration BW
RMS Jitter, ADC SNR Method (Note 15)
–160.2
9
65
dBc/Hz
fsRMS
fsRMS
Output Noise/Jitter: Distribution Section Only
(fVCO = 3.2GHz, fOUTx = 200MHz, Mx = 16)
Phase Noise Floor
RMS Jitter, 12kHz to 20MHz Integration BW
RMS Jitter, ADC SNR Method (Note 15)
–167.8
21
65
dBc/Hz
fsRMS
fsRMS
Output Noise/Jitter: Distribution Section Only
(fVCO = 3.2GHz, fOUTx = 50MHz, Mx = 64)
Phase Noise Floor
RMS Jitter, 12kHz to 20MHz Integration BW
RMS Jitter, ADC SNR Method (Note 15)
–173.8
41
65
dBc/Hz
fsRMS
fsRMS
LNORM
Normalized In-Band Phase Noise Floor
ICP = 11.2mA (Note 9, Note 10, Note 11)
–229
dBc/Hz
L1/f
Normalized In-Band 1/f Phase Noise
ICP = 11.2mA (Note 9, Note 12)
–281
dBc/Hz
Spurious
fOFFSET = fPFD, fOUT = 4GHz, PLL Locked
(Note 10, Note 13, Note 14, Note 18)
–100
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2. The LTC6952 is guaranteed to meet specified performance limits
over the full operating junction temperature range of –40°C to 125°C. Under
maximum operation conditions, air flow or heat sinking may be required
to maintain a junction temperature of 125°C or lower. It is required that the
Exposed Pad (Pin 53) be soldered directly to the ground plane with an array
of thermal vias as described in the Applications Information section.
Note 3. Absolute maximum time of digital delay is limited to 100µs.
Note 4. For fOUT ≥ 300MHz, analog delay time vs ADELx varies. See
Typical Performance Characteristics plot and the Operations section.
Note 5. All outputs configured as enabled clocks: all PDx[1:0]=0,
EZS_SRQ± pin state=0, SSRQ=0, SRQMD=0, BST=1, PDALL=0,
PDVCOPK=0, PDREFPK=0.
Note 6. Configured with six enabled clock outputs and five SYSREF
outputs with output drivers disabled: PD0, PD2, PD4, PD6, PD8, and
PD10 = 0; PD1, PD3, PD5, PD7, and PD9 = 2; EZS_SRQ± pin state=0;
SSRQ=0; SRQMD=0; BST=1; PDALL=0; PDVCOPK=0; PDREFPK=0
Note 7. For 0.9V < V(CP) < VCP+ – 0.9V.
Note 8. Additive phase noise and jitter from LTC6952 distribution section
only. External VCO, reference and PLL noise is not included.
Note 9. Measured inside the loop bandwidth with the loop locked.
Note 10. Reference frequency supplied by Pascal OCXO-E, fREF = 100MHz,
PREF = 6dBm.
Note 11. Output Phase Noise Floor is calculated from Normalized Phase
Noise Floor by LOUT = LNORM + 10log10(fPFD) + 20log10(fRF/fPFD).
Note 12. Output 1/f Noise is calculated from Normalized 1/f Phase Noise
by LOUT(1/f) = L1/f + 20log10(fRF) - 10log10(fOFFSET).
Note 13. ICP = 11.2mA, fPFD = 100MHz, FILTR = 0, Loop BW = 16kHz,
fVCO = 4GHz
Note 14. Measured using DC2609
Note 15. Additive RMS jitter (ADC SNR method) is calculated by integrating
the distribution section’s measured additive phase noise floor out to fCLK.
Actual ADC SNR measurements show good agreement with this method.
Note 16. Measured with 36” cables from output of DC2609 to
measurement instrument. Cable loss is NOT accounted for in this plot.
Note 17. Statistics calculated from 60 total measured parts from three
process lots.
Note 18. Measured using differential LTC6952 outputs driving LTC6955.
LTC6955 provides differential to single-ended conversion for rejection of
common mode spurious signals. See the Applications Information section
for details.
Note 19. Measured on OUT5. fREF = 100MHz, fVCO = 4400MHz, fOUT =
275MHz, RD = 1
Note 20. Skew is defined as the difference between the zero-crossing time
of a given output and the average zero-crossing time of all outputs.
Note 21. Measured VCO input power is de-embedded to the pins of the
LTC6952.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com