Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 16Page - Analog Devices LTC6952 Datasheet HTML 17Page - Analog Devices LTC6952 Datasheet HTML 18Page - Analog Devices LTC6952 Datasheet HTML 19Page - Analog Devices LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
LTC6952
20
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Table 7. Charge Pump Function Bit Descriptions
BIT
DESCRIPTION
CPDN
Force Sink Current
CPINV
Invert PFD Phase
CPMID
Enable Mid-Voltage Bias
CPRST
Reset PFD, Hi-Z CP
CPUP
Force Source Current
CPWIDE
Extend Current Pulse Width
The CPMID bit found in register h0B enables a resistive
VCP+/2 output bias which may be used to pre-bias trouble-
some loop filters into a valid voltage range. When using
CPMID, it is recommended to also assert the CPRST
bit, forcing a PFD reset which puts the charge pump in
a Hi-Z state. Both CPMID and CPRST must be set to “0”
for normal operation.
The CPUP and CPDN bits force a constant ICP source or
sink current, respectively, on the CP pin. The CPRST bit
may also be used in conjunction with the CPUP and CPDN
bits, allowing a pre-charge of the loop to a known state,
if required. CPUP, CPDN, and CPRST must be set to “0”
to allow the loop to lock.
The CPWIDE bit extends the charge pump output cur-
rent pulse width by increasing the PFD reset path’s delay
value. CPWIDE is normally set to “0”. Setting CPWIDE =
0 provides the best in-band phase noise performance.
The CPINV bit found in register h0B should be set for ap-
plications requiring signal inversion from the PFD, such
as for loops using negative-slope tuning oscillators or
for complex external loops using an inverting op amp in
conjunction with a positive-slope tuning oscillator. A pas-
sive loop filter used in conjunction with a positive-slope
VCO requires no inversion, so CPINV = 0.
REFERENCE ALIGNED OUTPUT (RAO) MODE
The RAO mode is activated by setting the RAO bit in register
h06 to “1”. It aligns internal delays such that the output
rising edge will always occur at an exact integer number
of VCO clock cycles from the incoming reference signal.
This mode is only used for closed loop PLL applications
(PDPLL = 0), and is useful when a known delay between
outputs and the incoming reference signal is required. It
is also used to minimize skew between parallel LTC6952s
OPERATION
in ParallelSync applications (see the ParallelSync section).
The tradeoff for using the RAO mode is slightly degraded
PLL in-band noise (<0.5dB).
VCO INPUT BUFFER
The LTC6952’sVCOinputbufferprovidesaflexibleinterface
to either differential or single-ended frequency sources.
The inputs are self-biased, and AC-coupling is recom-
mended for applications using external VCO/VCXO/VCSOs.
However, the VCO input can also be driven DC-coupled by
LVPECL, CML, or any other driver type within the input’s
specified common mode range. See the Applications In-
formation section for more information on common VCO
input interface configurations, noting that the LTC6952’s
VCO input buffer has an internal differential resistance of
250Ω as shown in Figure 6.
BIAS
2.1V
935Ω
125Ω
FILTV
6952 F06
125Ω
VCO+
VCO–
VVCO
+
Figure 6. Simplified VCO Interface Schematic
The maximum input frequency for the VCO buffer is 4.5GHz,
and the maximum amplitude is 1.6VP-P. It is also important
that the VCO± input signal be low noise and have a slew
rate of at least 100V/µs, although better performance will
be achieved with a higher slew rate. For applications with
VCO input slew rates less than 2V/ns, better phase noise
performance will be achieved by enabling the internal broad-
band noise filtering circuit within the VCO input buffer. This
is accomplished by asserting the configuration bit FILTV in
serial port register h02. Note that setting FILTV = 1 when the
slew rate of the VCO input is greater than 2V/ns will degrade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com