Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 3Page - Analog Devices LTC6952 Datasheet HTML 4Page - Analog Devices LTC6952 Datasheet HTML 5Page - Analog Devices LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
LTC6952
7
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VVCO+ = VOUT+ = 3.3V, VCP+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CML Clock Outputs (OUT0+, OUT0–, OUT1+, OUT1–, OUT2+, OUT2–, …, OUT10+, OUT10–)
fOUT
Output Frequency
Differential Termination = 100Ω,
MODEx = 0 (Clock Mode)
l
0
4500
MHz
Differential Termination = 100Ω,
MODEx = 1, 2, or 3 (SYSREF Modes)
l
0
150
VOD
Output Differential Voltage
Differential Termination = 100Ω
l
350
440
520
mVpk
Output Resistance
Differential
100
Ω
Output Common Mode Voltage
Differential Termination = 100Ω
VOUT+-1.0
V
tR
Output Rise Time, 20% to 80%
Differential Termination = 100Ω
50
ps
tF
Output Fall Time, 80% to 20%
Differential Termination = 100Ω
50
ps
Output Duty Cycle
Differential Termination = 100Ω
l
45
50
55
%
tPD-VCO
Propagation Delay from VCO± to OUT10
fVCO = 4500MHz, Mx = 16
l
335
ps
Propagation Delay from VCO± to OUT10,
Tem-perature Variation
fVCO = 4500MHz, Mx = 16
0.35
ps/°C
tPD-REF
Propagation Delay from REF± to OUT5
RAO = 0, LOCK = 1 (Note 19)
l
450
±35
ps
RAO = 1, LOCK = 1 (Note 19)
l
20
±55
Propagation Delay from REF± to OUT5,
Temperature Variation
RAO = 1, LOCK = 1 (Note 19)
0.2
±50
ps/°C
tSKEW
Skew, all Outputs
One Part, All Mx the Same, Even, or 1
±10
±35
ps
One Part, Any Mx
±30
Across Multiple Parts, RAO = 1, All Mx the
Same, Even, or 1
±20
±50
Additional Output Delay, Mx = Odd vs
Mx = 1 or Even
Mx = 5, 11, 15, 17, 19, 25, or 27
4
ps
Mx = 3, 7, 9, 13, 21, 23, 29, or 31
15
Power Supply Voltages
VREF+ Supply Range
l
3.15
3.3
3.45
V
VOUT+ Supply Range
l
3.15
3.3
3.45
V
VD+ Supply Range
l
3.15
3.3
3.45
V
VVCO+ Supply Range
l
3.15
3.3
3.45
V
VCP+ Supply Range
l
3.15
5.25
V
Power Supply Currents
IDDOUT
Sum VOUT+ Supply Currents
All Outputs Enabled (Note 5)
l
740
TBD
mA
Typical JESD204B Application (Note 6)
l
570
mA
PDALL = 1
500
µA
ICCCP
VCP+ Supply Current
ICP = 11.2mA
l
35
TBD
mA
ICP = 420µA
l
10
mA
PDALL = 1
500
µA
IDD-3.3V
Sum VD+, VREF+, VVCO+ Supply Currents
Digital Inputs at Supply Levels
l
160
TBD
mA
Digital Inputs at Supply Levels, PDALL = 1
l
500
µA
Supply Current Deltas
PDx[1:0] = 2 (x = 0 to 10), Per Output
–34
mA
PDx[1:0] = 3 (x = 0 to 10), Per Output
–68
mA
EZS_SRQ± State = 1, SSRQ = 1 or SRQMD = 1
110
mA
PDPLL = 1
–113
mA
Mx = Odd (Not Mx = 1), Per Output
+8.6
mA
ADELx = 1 to 31, Per Output
+3.0
mA
ADELx = 32 to 63, Per Output
+4.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com