Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
LTC6952
39
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
100Ω
100Ω
50Ω
50Ω
RSER
100Ω
150Ω
150Ω
1µF
1µF
47pF
1µF
1µF
1µF
1µF
1µF
1µF
1µF
1µF
1µF
50Ω
1µF
1µF
1µF
REF–
REF+
LTC6952
CML
DIFFERENTIAL CML
REF–
REF+
LTC6952
LVDS
DIFFERENTIAL LVDS
REF–
REF+
LTC6952
50Ω SOURCE
REF–
REF+
LTC6952
CMOS
SINGLE-ENDED CMOS
REF–
REF+
LTC6952
LVPECL
DIFFERENTIAL LVPECL
6952 F25
Z0
Z0
Z0
Z0
Z0
Z0
Z0
Z0
RSER
VCMOS
3.3V
1.8V
100Ω
30Ω
REF–
REF+
LTC6952
50Ω SOURCE
Z0
SINGLE-ENDED 50Ω SOURCE (VREF < 2.7VP-P)
SINGLE-ENDED 50Ω SOURCE (VREF > 2.7VP-P)
–
+
–
+
–
+
Figure 25. Common Reference Input Interface Configurations. All ZO Signal Traces Are 50Ω Transmission Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com