Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices LTC6952 Datasheet HTML 16Page - Analog Devices LTC6952 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
LTC6952
13
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
PIN FUNCTIONS
CS (Pin 1): Serial Port Chip Select. This CMOS input initi-
ates a serial port communication burst when driven low,
ending the burst when driven back high. See the Operation
section for more details.
VD+ (Pin 2): 3.15V to 3.45V positive supply pins for syn-
chronization/SYSREF request functions and serial port.
This pin should be bypassed directly to the ground plane
using a 0.01µF ceramic capacitor as close to the pin as
possible.
OUT0+, OUT0– (Pins 34, 33): Output Signals. The output
divider is buffered and presented differentially on these
pins. The outputs have 50Ω (typical) output resistance per
side (100Ω differential). The far end of the transmission
line is typically terminated with 100Ω connected across the
outputs. See the Operation and Applications Information
section for more details.
OUT1+, OUT1– (Pins 31, 30): Same as OUT0.
OUT2+, OUT2– (Pins 28, 27): Same as OUT0.
OUT3+, OUT3– (Pins 25, 24): Same as OUT0.
OUT4+, OUT4– (Pins 22, 21): Same as OUT0.
OUT5+, OUT5– (Pins 19, 18): Same as OUT0.
OUT6+, OUT6– (Pins 16, 15): Same as OUT0.
OUT7+, OUT7– (Pins 13, 12): Same as OUT0.
OUT8+, OUT8– (Pins 10, 9): Same as OUT0.
OUT9+, OUT9– (Pins 7, 6): Same as OUT0.
OUT10+, OUT10– (Pins 4, 3): Same as OUT0.
VOUT+ (Pins 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35):
3.15V to 3.45V positive supply pins for output dividers.
Each pin should be separately bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
NC (Pin 36): Not Connected Internally. It is recommended
that this pin be connected to the ground pad (Pin 53).
VCO+, VCO– (Pins 37, 38): VCO Input Signals. The dif-
ferential signal placed on these pins is buffered with a low
noise amplifier and fed to the internal distribution path
and feedback dividers. These self-biased inputs present
a differential 250Ω (typical) resistance to aid impedance
matching. They may also be driven single-ended by using
the matching circuit in the Applications Information section.
VVCO+ (Pins 39): 3.15V to 3.45V positive supply pin for
VCO circuitry. This pin should be bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
SD (Pin 40): Chip Shutdown Pin. When tied to GND, this
CMOS input disables all blocks in the chip. This is the
same function as PDALL in the serial interface.
GND (Pin 41): Negative Power Supply (Ground). This pin
should be tied directly to the ground pad (Pin 53).
VCP+(Pin42):3.15Vto5.25Vpositivesupplypinforcharge
pump circuitry. This pin should be bypassed directly to
the ground plane using a 0.1µF ceramic capacitor as close
to the pin as possible.
CP (Pin 43): Charge Pump Output. This bidirectional cur-
rent output is normally connected to the external loop filter.
See the Applications Information section for more details.
VREF+ (Pin 44):3.15V to 3.45Vpositive supply pin for refer-
ence input circuitry. This pin should be bypassed directly
to the ground plane using a 0.1µF ceramic capacitor as
close to the pin as possible.
REF+, REF– (Pins 45, 46): Reference Input Signals. This
differential input is buffered with a low noise amplifier,
which feeds the reference divider. They are self-biased and
must be AC coupled with 1µF capacitors. If used single-
ended with V(REF+) ≤ 2.7VP-P, bypass REF– to GND with
a 100nF capacitor. If used single-ended with V(REF+) >
2.7VP-P, bypass REF– to GND with a 47pF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com