Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 20Page - Analog Devices LTC6952 Datasheet HTML 21Page - Analog Devices LTC6952 Datasheet HTML 22Page - Analog Devices LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
LTC6952
24
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Table 13. Synchronization (SRQMD = 0) Output Behavior vs Device Settings for with PLL Enabled (PDPLL = 0)
SRQENx
PARSYNC
MODEx
Internal Divider
Sync to Other
Dividers
Internal Divider
Sync to RDIV
Internal Divider Start Latency
from SYNC Signal Falling
Edge (DDELx = 0)
Output Behavior
0
N/A
0
No
No
N/A
Free Running
1, 2, or 3
Muted
1
0
0
Yes
Yes
~45µs + R/fREF + 8/fVCO
Mute on SYNC High, Run on
SYNC Low
1 or 3
Muted
2
SYNC Signal Pass Through
1
0
Yes
Yes
(x + R)/fREF + 8/fVCO*
Mute on SYNC High, Run on
SYNC Low
1 or 3
Muted
2
SYNC Signal Pass Through
* Latency depends on the duration of the SYNC pulse, specifically x = floor (tSYNC × fREF - 1) mod R. All outputs will be synchronized correctly regardless of x
Table 14. Synchronization (SRQMD = 0) Output Behavior vs Device Settings for with PLL Disabled (PDPLL = 1)
SRQENx
PARSYNC
MODEx
Internal Divider
Sync to Other
Dividers
Internal Divider
Sync to RDIV
Internal Divider Start Latency
from SYNC Signal Falling
Edge (DDELx = 0)
Output Behavior
0
N/A
0
No
No
N/A
Free Running
1, 2, or 3
Muted
1
0
0
Yes
No
~45µs + 7/fVCO
Mute on SYNC High, Run on
SYNC Low
1 or 3
Muted
2
SYNC Signal Pass Through
1
0
Yes
No
7/fVCO
Mute on SYNC High, Run on
SYNC Low
1 or 3
Muted
2
SYNC Signal Pass Through
OPERATION
The LTC6952 supports three different methods of SYSREF
generation as described in the JESD204B specification:
•
Free Running
•
Gated On/Off by a SYSREF Request Signal
•
One, Two, Four, or Eight SYSREF Pulses After the
Rising Edge of a SYSREF Request Signal
These modes are defined by each output’s individually pro-
grammableMODExbits.InordertogenerateSYSREFpulses,
bit SRQMD must be set to “1” as shown in Table 12, and MPx
must be greater than 0. SYSREF requests (SYSREQ) are
applied on the EZS_SRQ± pins or by setting the SSRQ bit to
“1” (unless PARSYNC = 1). Table 15 describes the output
behavior in SYSREF generation mode. Bits SYSCT[1:0]
can be found in register h0B.
Note that synchronization MUST be completed prior to
SYSREF generation as described in the Synchronization
Overview.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com