Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
LTC6952
69
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
MEASURING CLOCK JITTER INDIRECTLY USING ADC SNR
Forsomeapplications,integratingaclockgenerator’sphase
noise within a defined offset frequency range (i.e. 12kHz to
20MHz) is sufficient to calculate the clock’s impact on the
overall system performance. In these situations, the RMS
jitter can be calculated from a phase noise measurement.
However, other applications require knowledge of the
clock’s phase noise at frequency offsets that exceed the
capabilities of today’s phase noise analyzers. This limita-
tion makes it difficult to calculate jitter from a phase noise
measurement.
The RMS jitter of an ADC clock source can be indirectly
measured by comparing a jitter dominated SNR measure-
ment to a non-jitter dominated SNR measurement. A jitter
dominated SNR measurement (SNRJITTER) is created by
applying a low jitter, high frequency full-scale sinewave
to the ADC analog input. A non-jitter dominated SNR
measurement (SNRBASE) is created by applying a very low
amplitude (or low frequency) sinewave to the ADC analog
input. The total clock jitter (tJ(TOTAL)) can be calculated
using Equation 25.
TJ(TOTAL) =
10
1
2
log
10 10
–
SNRJITTER
10
⎛
⎝
⎜
⎞
⎠
⎟
–10
–
SNRBASE
10
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
2
πfIN
(25)
Assuming the inherent aperture jitter of the ADC (tJ(ADC)) is
known, the jitter of the clock generator (tJ(CLK)) is obtained
using Equation 23.
ADC SAMPLE CLOCK INPUT DRIVE REQUIREMENTS
Modern high speed, high resolution ADCs are incredibly
sensitive components able to match or exceed labora-
tory instrument performance in many regards. Noise or
interfering signals on the analog signal input, the voltage
reference or the sampling clock input can easily appear
in the digitized data. To deliver the full performance of
any ADC, the sampling clock input must be driven with a
clean, low jitter signal.
APPLICATIONS INFORMATION
Figure 45 shows a simplified version of a typical ADC
sample clock input. In this case the input pins are labeled
ENC± for Encode while some ADCs label the inputs CLK±
for Clock. The input is composed of a differential limiting
amplifier stage followed by a buffer that directly controls
the ADC’s track and hold stage.
6952 F45
VDD
1.2V
10k
ENC+
ENC–
Figure 45. Simplified Sample Clock Input Circuit
The sample clock input amplifier also benefits from a fast
slewing input signal as the amplifier has noise of its own. By
slewing through the crossover region quickly, the amplifier
noise creates less jitter than if the transition were slow.
As shown in Figure 45, the ADC’s sample clock input is
typically differential, with a differential sampling clock
delivering the best performance. Figure 45 also shows
the sample clock input having a different common mode
input voltage than the LTC6952’s CML outputs. Most ADC
applications will require AC coupling to convert between
the two common mode voltages.
TRANSMISSION LINES AND TERMINATION
Interconnection of high speed signaling with fast rise
and fall times requires the use of transmission lines with
properly matched termination. The transmission lines may
be stripline, microstrip or any other design topology. A
detailed discussion of transmission line design is beyond
the scope of this data sheet. Any mismatch between the
transmission line’s characteristic impedance and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com