Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 67 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
LTC6952
67
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
grounding for electrical and thermal performance can be
found on the DC2609 layout.
ADC CLOCKING AND JITTER REQUIREMENTS
Adding noise directly to a clean signal clearly reduces its
signal to noise ratio (SNR). In data acquisition applica-
tions, digitizing a clean signal with a noisy clock signal
also degrades the SNR. This issue is best explained in
the time domain using jitter instead of phase noise. For
this discussion, assume that the jitter is white (flat with
frequency) and of Gaussian distribution.
Figure 42 shows a sine wave signal entering a typical data
acquisition circuit composed of an ADC, an input signal
amplifier and a sampling clock. Also shown are three
signal sampling scenarios for sampling the sine wave at
its zero crossing.
In the first scenario, a perfect sine wave input is buffered
by a noiseless amplifier to drive the ADC. Sampling is
performed by a perfect, zero jitter clock. Without any added
APPLICATIONS INFORMATION
noise or sampling clock jitter, the ADC’s digitized output
value is very clearly determined and perfectly repeatable
from cycle to cycle.
In the second scenario, a perfect sine wave input is buff-
ered by a noisy amplifier to drive the ADC. Sampling is
performed by a perfect, zero jitter clock. The added noise
results in an uncertainty in the digitized value, causing an
error term which degrades the SNR. The degraded SNR in
this scenario, from adding noise to the signal, is expected.
In the third scenario, a perfect sine wave input is buffered
by a noiseless amplifier to drive the ADC. Sampling is
performed by a clock signal with added jitter. Note that
as the signal is slewing, the jitter of the clock signal leads
to an uncertainty in the digitized value and an error term
just as in the previous scenario. Again, this error term
degrades the SNR.
A real-world system will have both additive amplifier noise
and sample clock jitter. Once the signal is digitized, deter-
mining the root cause of any SNR degradation – amplifier
noise or sampling clock jitter – is essentially impossible.
6952 F42
SINE WAVE
INPUT SIGNAL WITH
NOISELESS AMP
SAMPLING CLOCK WITH ADDED JITTER
∆V = VERROR
tJ
SINE WAVE
INPUT SIGNAL WITH
NOISY AMP
SINE WAVE
INPUT SIGNAL
PERFECT SAMPLING CLOCK
∆V = VERROR
SINE WAVE
INPUT SIGNAL WITH
NOISELESS AMP
PERFECT SAMPLING CLOCK
VSAMPLE
SAMPLING CLOCK
BITS
ADC
AMP
Figure 42. A Typical Data Acquisition Circuit Showing the Sampling Error Effects of a Noisy Amplifier and a Jittery Sampling Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com