Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 78Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 79Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 80Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 81Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 82Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 83Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 84Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 85Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 394 page
background image
82 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
82 • June 2011
COMPANY CONFIDENTIAL
3.2.31
HEADER_CTRL
Address 0x0098
SFT&HW RST
Table 3-34 summarizes the HEADER_CTRL Register.
3.2.32
PORT0_HEADER_CTRL
Address 0x009C
SFT&HW RST
Table 3-35 summarizes the PORT0_HEADER_CTRL Register.
2
R/W
0
TXMAC_EN_6
Txmac Enable.
1:0
R/W
0
SPEED_6
Speed mode.
2'b00: 10M
2'b01: 100M
2'b10: 1000M
2'b11: error speed mode
Table 3-33.
Port 6 Status Register
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-34.
Header Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:17
R/O
0
RESERVED
16
R/W
0
HEADER_LENGTH_SEL
0x1: 4 bytes header
0x0: 2 bytes header
15:0
R/W
0
HEADER_TYPE_VALUE
2 bytes header type added between SA
& header field
Table 3-35.
PORT 0 Header Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:6
R/O
0
RESERVED
5
R/W
0
IPG_DEC_EN_0
1'b1: mac will decrease two bytes of IPG when
send out frame and receive check.
1'b0: normal IPG 96 bit time
4
R/W
0
MAC_LOOP_BACK_0
1'b1: enable mac loop back at gmii/mii interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com