Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 50Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 51Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 52Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 53Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 54Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 55Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 56Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
53
2.19.4
ARP ENTRY
The HNAT module supports 128 entries in the ARP table. The ARP table can be maintained by CPU. It
also can be automatically learned or aged by hardware through monitoring the ARP packets. This
table is used for Router function. The format of ARP table is shown below.
2.20 IEEE 802.3az and Energy Efficient Ethernet
IEEE 802.3az provides a mechanism to greatly save the power consumption between data packets
burst. The link partners enter Low Power Idle state by sending short refresh signals to maintain the
link.
There are two operating states, Active state for normal data transfer, and Low-power state between the
data packet bursts.
In the low-power state, the AR8327 shuts off most of the analog and digital blocks to conserve energy.
Due to the bursty traffic nature of Ethernet, system will stay in low-power mode in the most of time,
thus the power saving can be more than 90%.
At the link start up, both link partners exchange information via auto negotiation to determine if both
parties are capable of entering LPI mode.
Legacy Ethernet products are supported, and this is made transparent to the user.
Table 2-37.
ARP Entry
Bit
Name
Description
111
IP_VER
1’b1: IPv6
1’b0: IPv4
110:108
AGING_FLAG
3'h7: static
3'h1~6: valid & dynamic
3'h0: invalid
107
PPPOE EN
1'b1: add or change PPPoE header
106:103
PPPOE INDEX
PPPoE session id index, for change session or add PPPoE header.
102
CNT EN
1'b1: frame match this entry should be added to counter
101:98
CNT INDEX
Counter index to select counter.
97:96
ACTION
2'b00: Mirror
2'b01: Redirect
2'b10: Copy
2'b11: Forward
95
CPU ADDR
1'b1: this entry is for router address frame should be redirect to cpu. Normal
frame, not management
94:92
SPORT NUM
When doing ARP lookup, to determine destination port number
When doing source check, compare to frame SP.
91:83
VID OFFSET
Offset of VID to vid_low, vid_low+offset used to change frame VID
82:80
ROUTER MAC
INDEX
Index in router mac table
79:32
MAC ADDR
When doing ARP lookup, used to change frame DA
When doing source check, compare to frame SA
31:0
IP ADDR
When doing ARP lookup, compare to frame DIP
When doing source check, compare to frame SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com