Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 50Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 51Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 52Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
49
63
RESERVED
62
SA_DROP_EN
Drop packet enable when source address is in this entry. If this bit is set to 1’b1,
the packet with SA of this entry will be dropped.
61
MIRROR_EN
1
Indicates packets should be sent to mirror port and destination port.
0
Indicate packets should only be sent to destination port
60
PRI_EN
Priority override enable. 1: Indicates PRIORITY (ATU[58:56]) can override any
other priority determined by the frame’s data.
59
SVL_ENTRY
1’b1: SVL learned
1’b0: IVL learned
58:56
PRIORITY
The priority bits may be used as the frame’s priority when “PRI_OVER_EN”
(bit[60]) is set to one.
55
CROSS_PORT_STATE
_EN
1’b1: Cross port state enable
1’b0: Cross port state disable
54:48
DES_PORT
Indicate which ports are associated with this MAC address when they are set to
one. Bit [48] is assigned to port0, bit [49] to port1, bit [50] to port3, and so on. If
all bits are set to zero and the entry is static, the packet should be dropped.
For multicast address and unicast for link aggregation, more than one bit is set
to one.
47:0
ADDRESS
48-bit MAC address
Table 2-32.
Bit
Name
Description
Table 2-33.
RESERVED ATU Entry
Bit
Name
Description
64
STATUS
1’b1: static and valid
1’b0: invalid
63
COPY_TO_CPU
1’b1: packet received with the address should be copied to the CPU port
62
REDIRECT_TO_CPU 1’b1: packet received with this address should be redirected to the CPU port. If
no CPU is connected to the switch, the packet will be dropped.
61
LEAKY_EN
1’b1: use leaky VLAN enable for this MAC address
This bit can be used for unicast and multicast frames, controlled by
ARL_uni_leaky_en and ARL_multi_leaky_en
60
MIRROR_EN
1’b1: indicates packets should be sent to the mirror port and the destination
port
1’b0: indicates packets should be sent only to the destination port
59
PRI_OVER_EN
Priority override enable
1’b1: indicate PRIORITY (ATU[58:56]) can override any other priority
determined by the frame’s data
58:56
PRI
This priority bit may be used as a frame’s priority when PRI_OVER_EN is set
to one
55
CROSS_PORT_STATE
_EN
1’b1: cross port state enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com