Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 91Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 92Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 93Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 94Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 95Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 96Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 97Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 98Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
95
3.4 PARSER REGISTER SUMMARY(Address Range 0x0200 ~ 0x0270)
Table 3-60 summarizes the Parser registers.
3.4.1
NORMALIZE_CTRL0
Address 0x0200
SFT&HW RST
Table 3-61 summarizes the NORMALIZE_CTRL0 Register 0
Table 3-61.
Normalize Control Register 0
Table 3-60.
Parser Register Summary
Name
Address
Reset
NORMALIZE CONTROL REGISTER
0x0200~0x0204
HARD & SOFT
NORMALIZE LENGTH CONTROL REGISTER
0x0208
HARD & SOFT
FRAME ACK CONTROL REGISTER
0x0210~0x0214
HARD & SOFT
WINDOW RULE CONTROL REGISTER
0x0218~0x024C
HARD & SOFT
TRUNK HASH ENABLE REGISTER
0x0270
HARD & SOFT
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/O
0
RESERVED
29
R/W0
0
TCP_PSH1_ACK0_DROP_EN
1'b1: frame with PUSH=1 & ACK=0
should be dropped.
28
R/W0
0
TCP_FIN1_ACK0_DROP_EN
1'b1: frame with FIN=1 & ACK=0
should be dropped.
27
R/W0
0
TCP_RST1_WITH_DATA_DROP_
EN
1'b1: frame with RST=1 and IP_LEN -
IP_HDR_LEN - TCP_OFFSET > 0
should be dropped.
26
R/W
0
TCP_SYN1_WITH_DATA_DROP
_EN
1'b1: frame with SYN=1 and IP_LEN -
IP_HDR_LEN - TCP_OFFSET > 0
should be dropped.
25
R/W
0
TCP_RST1_DROP_EN
1'b1: frame with RST=1 should be
dropped.
24
R/W
0
TCP_SYN0_ACK0_RST0_DROP_
EN
1'b1: frame with SYN=0 & ACK=0 &
RST=0 should be dropped.
23
R/W
0
TCP_SYN1_FIN1_DROP_EN
1'b1: frame with SYN=1 & FIN=ould be
dropped.
22
R/W
0
TCP_SYN1_RST1_DROP_EN
1'b1: frame with SYN=1 & RST=1
should be dropped.
21
R/W
0
TCP_NULLSCAN_DROP_EN
1'b1: frame with Seq_Num=0 and all
TCP FLAG zero should be dropped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com