Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 28Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 29Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 30Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 31Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 32Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
29
2.7.3
MAC Pattern
The action will be taken when the MAC Pattern is matched.
41
CTAG_PRI_REMAP_EN
1'b1: frame should be send out by CTAG priority be changed to
CTAG[15:13]
40
STAG_DEI_CHANGE_EN
1'b1: frame should be send out by stag CFI be changed to
STAG[12]
39
STAG_PRI_REMAP_EN
1'b1: frame should be send out by stag priority be changed to
STAG[15:13]
38
DSCP_REMAP_EN
Modify the DSCP of packet.
1'b1: modify
1'b0:unmodify
37:32
DSCP
DSCP Value
31:16
CTAG
[15:13] CTAG priority
[12] CFI
[11:0] CTAG VID
15:0
STAG
[15:13] stag priority
[12] DEI
[11:0] stag VID
Table 2-6.
Action Definition
Table 2-7.
MAC Pattern
Byte
Name
Description
3:0
DA
Destination Address
11:4
SA
Source Address
13:12
VLAN [15:13] PRIORITY
[12] CFI
[11:0] VID/VID Low
This field can be VID or VID_LOW depending upon the
VID_MASK_option
15:14
TYPE
Ethertype Field
16
[7] RULE RESULT
INVERSE EN
1 = Action on the rule entry is not matched.
0 = Action on the rule entry is matched.
[6:0] SOURCE PORT
Physical source port the rule is applied to
Table 2-8.
MAC Pattern Mask
Byte
Name
Description
5:0
DA MASK
11:6
SA MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com