Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 394 page
background image
24 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
24 • June 2011
COMPANY CONFIDENTIAL
2.2 Atheros Header
AR8327 support proprietary Atheros Header that can indicate the packet information and allow CPU
to control the packet forwarding. The Header can be 2 bytes or 4 bytes with additional 2 bytes
identifier. For 2 bytes header case, each packet sent out or received must include header. For 4 bytes
header case, Header can exist only in the management frame and there is no header in the normal
frame. The Atheros header also supports read/write register through the CPU port.
Table 2-1 shows the Type in the Atheros Header.
Table 2-1.
Atheros Header Type
Type
Packet Type
Description
5'h0
NORMAL
NORMAL PACKET
5'h1
MIB
The packet includes MIB counter for the source port number in the
header.
5'h2
Read_write_reg_ack
This packet indicates the register data for read register command or
acknowledge for write register command. See read/write register in
the chapter of Atheros Header receive.
5'h3
802.1x
802.1x
5'h4
Reserved MAC ADDR.
Reserved ARL
5'h5
RIPv1
RIPv1
5'h6
DHCP
DHCP
5'h7
PPPoe Discovery
PPPoE discovery
5'h8
ARP
ARP(IF ARP not found, change this type to 5'h13)
5'h9
Reserved
Reserved for RARP
5'hA
IGMP
IGMP packets
5'hB
MLD
MLD packets
5'hC
Reserved
Reserved for neighbor discovery
5'hD
Redirect to CPU
Acl_redirect_to_CPU, ARL_redirect_to_CPU offload match redirect to
cpu
5'hE
normalization
The frame doesn't compliance with normal TCP/IP flow.
5'hF
LEARN LIMIT
The MAC address already reach the learning limit.
5'h10
IPv4 NAT TO CPU
1.doing NAT and TCP special status
2.doing NAT and frame is IP fragment
5'h11
IP frame: SIP not found
The SIP in IP frame doesn't pass the source check.
5'h12
NAT NOT FOUND
NAT NOT FOUND
5'h13
ARP not found
The ARP frame doesn't pass the source check.
5'h14
IP frame: routing not
found
The frame DIP is not found in the routing table.
5'h15
TTL Exceed
The router try to forward one frame, but the TTL is 0 after decrease 1
and the destination is not CPU.
5'h16
MTU Exceed
The frame length exceed the MTU.
5'h17
Copy to CPU
acl_copy_to_CPU, arl_copy_to_CPU,
offload match copy to cpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com