Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 94Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 95Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 96Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 97Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 98Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 99Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 100Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 101Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 394 page
background image
98 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
98 • June 2011
COMPANY CONFIDENTIAL
3.4.3
NORMALIZE_LEN_CTRL
Address 0x0208
SFT&HW RST
Table 3-63 summarizes the NORMALIZE_LEN_CTRL Register
Table 3-63.
Normalize Length Control Register
3.4.4
FRAM_ACK_CTRL0
Address 0x00210
SFT&HW RST
Table 3-64 summarizes the FRAM_ACK_CTRL0 Register 0
5
R/W
0
UDP_LEN_DROP_EN
1'b1: frame with UDP length check
error should be dropped.
4
R/W
0
UDP_SAME_PORT_DROP_EN
1'b1: UDP frame with SP equal to DP
should be dr opped.
3
R/W
0
TCP_OPTION_DROP_EN
1'b1: frame with SYN=0 and IP header
larger than 20 byte, should be dropped.
2
R/W
0
TCP_URG0_PTR_ERR_DROP_EN 1'b1: frame with URG=0 but pointer
not zeor should be dropped.
1
R/W
0
TCP_CHECKSUM_DROP_EN
1'b1: frame with TCP checksum error
should be dropped.
0
R/W
0
TCP_URG1_ACK0_DROP_EN
1'b1: frame with URG=1 & ACK=0
should be dropped.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/O
0
RESERVED
29:16
R/W
0x40
ICMPV6_MAX_LEN
Defined the max IP payload lenght of
ICMPv6 frame
15:14
R/O
0
RESERVED
13:0
R/W
0x40
ICMPV4_MAX_LEN
Defined the max IP payload lenght of
ICMPv4 frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com