Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 28Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 29Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 30Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 31Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 394 page
background image
28 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
28 • June 2011
COMPANY CONFIDENTIAL
2.7.2
Action Definition
The action will be taken when the defined pattern is matched.
In the ACL rule matching, AR8327 support two match consolidation. If the key of ingress frame
matched with two entries in the ACL, then these two actions will consolidate. The basic rule for
consolidation is the first action will be the first priority if the related bit is active. If the related bit of the
first entry is inactive, then the second entry is used. But for ACL_MATCH_INT_EN, ACL_DP_ACT
and MIRROR_EN field will be the OR operation between two actions.
7
ENHANCED MAC Pattern
0UNVALID Pattern
Table 2-6.
Action Definition
Bits
Name
Description
80
ACL_MATCH_INT_EN
Generate interrupt
79
ACL_EG_TRNAS_BYPASS
Bypass egress QinQ result
78
ACL_RATE_EN
1'b1: use acl rate limit;
1'b0: don't use acl rate limit
77:73
ACL_RATE_SEL
Select acl rate limit (index)
72:70
ACL_DP_ACT
111:drop
011:redirect
001:copy to cpu
000:forward
69
MIRROR_EN
1'b1: mirror packet to mirror port
68
DES_PORT_OVER_EN
1'b1: use DES_PORT to determine packet Destination Port, can
cross VLAN.
67:61
DES_PORT
If DES_PORT_EN set to 1'b1, these bits will be used to
determine destination port.
60
ENQUEUE_PRI_OVER_EN
1'b1: use ENQUEUE_PRI to determine en-queue priority
59:57
ENQUEUE_PRI
En-queue priority
56
ARP_WCMP
1'b1: select hash
55:49
ARP_INDEX
Index of ARP table
48
ARP_INDEX_OVER_EN
Overwrite the ROUTER's Result
47:46
FORCE_L3_MODE
00: no force
01: SNAT
10: DNAT
11: RESERVED
45
LOOKUP_VID_CHANGE_EN
1'b1: lookup use VID in STAG or CTAG, determined by switch
tag mode. For S-TAG mode, use STAG; for C-TAG mode, use
CTAG.
44
TRANS_CTAG_CHANGE_EN
Enqueue egress translation key change en
43
TRANS_STAG_CHANGE_EN
Enqueue egress translation key change en
42
CTAG_DEI_CHANGE_EN
1'b1: frame should be send out by CTAG CFI be changed to
CTAG[12]
Table 2-5.
PatternTypes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com