Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 92Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 93Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 94Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 95Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 96Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 97Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 98Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 99Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 394 page
background image
96 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
96 • June 2011
COMPANY CONFIDENTIAL
20
R/W
0
TCP_XMASSCAN_DROP_EN
1'b1: frame with Seq_Num=0, FIN=1,
URG=1, and PSH=1 should be
dropped
19
R/O
0
TCP_SYN1_ACK1_PSH1_DROP_
EN
1'b1: frame with SYN=1 & ACK=1 &
PSH=1 should be dropped.
18
R/O
0
TCP_SYN1_PSH1_DROP_EN
1'b1: frame with SYN=1 & PSH=1
should be dropped.
17
R/O
0
TCP_SYN1_URG1_DROP_EN
1'b1: frame with SYN=1 & URG=1
should be dropped.
16
R/O
0
TCP_SYN_ERR_DROP_EN
1'b1:frame with SYN=1 & ACK=0 &
SP<1024,should be dropped
15
R/O
0
TCP_HDR_MIN_DROP_EN
1'b1: if frame with TCP header length
less than TCP_HDR_MIN_SIZE, but
not first of fragment, should be
dropped
14
R/W
0
TCP_SAME_PORT_DROP_EN
1'b1: TCP frame with SP equal to DP
should be dropped.
13
R/W
0
IPV4_CHECKSUM_DROP_EN
1'b1: frame with ipv4 checksum error
should be dropped.
12
R/W
0
IPV4_DIP_ERR_DROP_EN
1'b1: frame should be dropped if with
DIP all zero,or DIP[31:24] is 0x7F.
11
R/W
0
IPV4_SIP_ERR_DROP_EN
1'b1: frame should be dropped if with
SIP[31:24] more than 0xE0 and less
than 0xF0, or equal to 0x7F, or SIP[31:0]
is 0x32'hFFFFFFFF.
10
R/W
0
IPV4_FRAG_LEN_DROP_EN
1'b1: frame with ipv4 fragment length
check error should be dropped.
9
R/W
0
IPV4_FRAG_MAX_DROP_EN
8
R/W
0
IPV4_FRAG_MIN_DROP_EN
1'b1: frame with offset length less than
min should be dropped
7
R/W
0
IPV4_DF_DROP_EN
1'b1: frame with DF=1 and offset or MF
not zero, should be dropped
6
R/W
0
IP_LEN_DROP_EN
1'b1: frame with ip length field error
should be drop? include ipv4 and ipv6
5
R/W
0
IPV4_HDR_LEN_CHECK_EN
1'b1 :Check the IP options. If Frame is
with options, drop or send to cpu
4
R/W
0
IPV4_HDR_LEN_ DROP_EN
This bit can be used to forward or drop
frame when ipv4 header length check
fail.
3
R/O
0
IPV4_HDR_LEN_MIN_DROP_E
N
1'b0:frame with ipv4 header length
check error should be sent to cpu
port(only to cpu port)
2
R/W
0
IP_SAME_PORT_DROP_EN
1'b1: frame with ipv4 header length
check error should be drop
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com