Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 53Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 54Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 55Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 56Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 57Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 58Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 59Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 60Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
57
3. Register Descriptions
Table 3-1 shows the reset types used in this
document.
3.1 Register Address Space (Address Range 0x0000 ~ 0x00FC)
Table 3-2 summarizes the register address
space occupied by the registers.
Table 3-1.
Register Reset Types
Type
Description
LH
Register field with latching high function. If status is high, then the register is set to one and
remains set until a read operation is performed through the management interface or a reset
occurs.
LL
Register field with latching low function. If status is low, then the register is cleared to a zero and
remains cleared until a read operation is performed through the management interface or a reset
occurs.
Retain
Value written to a register field takes effect without a software reset.
RES
Reserved for future use. All reserved bits are read as zero, unless otherwise noted.
RO
Read Only.
ROC
Read Only Clear. After a read, the register field is cleared to zero.
R/W
Read/Write.
RWC
Read/Write Clear on read. All bits are readable and writable. After a reset, or after the register is
read, the register field is reset to zero.
RWR
Read/Write Reset. All bits are readable and writable. After a reset, or after the register is read, the
register field is cleared to zero.
RWS
Read/Write Set. All bits are readable and writable. After a reset, the register field is set to a non-
zero value specified in the text.
SC
Self-Clear. Writing a one to this register causes the desired function to execute immediately, and
the register field clears to zero when the function is complete.
Update
The value written to the register field does not take effect until a software reset is executed. The
value can still be read after it is written.
WO
Write Only. Reads to this type of register field return undefined data.
Table 3-2.
Register Address Space Summary
Name
Address
GLOBAL CONTROL REGISTER
0x0000~0x00FF
EEE CONTROL REGISTER
0x0100~0x01FF
PARSER CONTROL REGISTER
0x0200~0x03FF
ACL CONTROL REGISTER
0x0400~0x05FF
LOOKUP CONTROL REGISTER
0x0600~0x07FF
QM CONTROL REGISTER
0x0800~0x0BFF
PKT EDIT CONTROL REGISTER
0x0C00~0x0DFF
L3 CONTROL REGISTER
0x0E00~0x0FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com