Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 68Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 69Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 70Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
71
Table 3-17 summarizes the BIST_CTRL Register.
3.2.15
BIST_RECOVER
Address 0x0044
HW RST
Table 3-17.
Bist Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
BIST_BUSY
This bit should be written to 1'b1 to
begin bist test and should be cleared to
1'b0 by hardware after test done.
1'b1: bist test
1'b0:bist done or idle
30
R/O
BIST_WITH_ONE_ERR
1'b1: bist test one error in data memory
and can be recoverd.
29
R/O
BIST_PASS
All memory is OK, or only one error in
data memory.
28:24
R/O
RESERVED
23
R/W
0
BIST_CRITICAL
22
R/W
0
BIST_PTN_EN_2
1'b1: enable pattern 2 for bist test
21
R/W
0
BIST_PTN_EN_1
1'b1: enable pattern 1 for bist test
20
R/W
0
BIST_PTN_EN_0
1'b1: enable pattern 0 for bist test
19:12
R/O
0
RESERVED
11
R/O
0
OFFLOAD_BIST_DONE
10
R/O
0
OFFLOAD_BIST_ERR
9
R/O
0
QM_BIST_DONE
8
R/O
0
QM_BIST_ERR
7
R/O
0
LOOKUP_BIST_DONE
6
R/O
0
LOOKUP_BIST_ERR
5R/O
0
MIB_BIST_DONE
4
R/O
0
MIB_BIST_ERR
3R/O
0
ACL_BIST_DONE
2
R/O
0
ACL_BIST_ERR
1R/O
0
ARB_BIST_DONE
0
R/O
0
ARB_BIST_ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com