Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 13Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 14Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 15Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 16Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 17Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 18Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
17
CH4_TRXN0
A40
IA, OA
Media-dependent interface, MDI[3:0]: Transmitter output
positive/negative
Connect directly to XFMR without any pull-down terminators,
such as resistors or capacitors, required.
CH4_TRXP0
B35
CH4_TRXN1
B37
IA, OA
CH4_TRXP1
A41
CH4_TRXN2
B39
IA, OA
CH4_TRXP2
B38
CH4_TRXN3
A48
IA, OA
CH4_TRXP3
B40
MAC 0/CPU port GMII/RGMII interface
GTXCLK_0/TXCLK_0
A73
I/O, PU
RGMII transmit clock, 125 MHz/25 MHz, or configurable. This
is the reference clock input for RGMII mode, PHY type
interface, or MII mode MAC type interface. It also supports
50MHz clock input (Turbo-MII) when operating in MII mode,
MAC type interface.
RXCLK_0
A65
I/O, PD
RGMII receive clock. This is output clock from MAC0 when
AR8327 operates a PHY type interface. It can be 125MHz/
25MHz/2.5MHz —depending upon the operating speed.
RXD0_0
A68
I/O, PD
RGMII/MII — receive data or configuration; recommend
adding a 22 damping resistor. these are output signals from
MAC0. The RXD[3:0]_0 are used as data input when operating
at RGMII or MII mode. The reference clock for these output
signals will be:
RXCLK_0 (pin A65): RGMII/MII PHY type interface and
GMII-MAC type interface.
RXD1_0
A69
I/O, PD
RXD2_0
A70
I/O, PD
RXD3_0
B60
I/O, PD
RXDV_0/RXCTR_0
A64
I/O, PD
RGMII/MII received data; valid. This is output signal for
MAC0.
TXEN/TXCTR_0
A72
I, PD
RGMII/MII transmit enable, this is input signal for the MAC0.
TXD0_0
B63
I, PD
RGMII/MII transmit data, these are input signals for MAC0.
All the data bits TXD[7:0]_0 are used in GMII mode. The
TXD[3:0]_0 are used as data input when operating on RGMII
or MII mode. The reference clock for these input signals will be:
1. GTXCLK_0 (pin A73): RGMII/MII mode
2. GTXCLK_0 (pin B51): GMII mode
TXD1_0
A74
I, PD
TXD2_0
B64
I, PD
TXD3_0
A75
I, PD
MAC 6/PHY 4 RGMII/MII
GTXCLK_1/TXCLK_1
B51
I/O, PD
RGMII transmit clock, 125 MHz/25 MHz, or configuration.
This is the reference clock input for RGMII mode PHY type
interface or MII mode MAC type interface.
RXCLK_1
B47
I/O, PD
RGMII receive clock. This is output clock from PHY 4 when the
AR8327 operates a PHY type interface. It can be 125MHz/
25MHz/2.5MHz depending on the operating speed.
Table 1-1.
Signal to Pin Relationships and Descriptions (continued)
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com