Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 28Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 29Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 30Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
27
duplex flow control mode is not set, the incoming packet is dropped if there is no buffer space
available.
2.6.3
Inter-Packet Gap (IPG)
The IPG is the idle time between any to successive packets from the same port. The typical IPG is 9.6
µs for 10 Mbps Ethernet and 960 ns for 100 Mbps Ethernet.
2.6.4
Illegal Frames
The AR8327 discards all illegal frames such as CRC error, oversized packets (length greater than
maximum length), and runt packets (length less than 64 bytes).
2.7 ACL
The AR8327 supports up to 96 ACL rule table entries. Each rule can support filtering or re-direction of
the incoming packets based on the following field in the packet.
n Source MAC address
n Destination MAC address
n VID
n EtherType
n Source IP address
n Destination IP address
n Protocol
n Source TCP/UDP port number
n Destination TCP/UDP port number
n Physical Port number
When the incoming packets match an entry in the rules table, the following action can be taken
defined in the result field.
n Change VID field
n Drop the packet
n change VID
n change priority
The AR8327/AR8327N can bind up to 4 rules to support 16*4 bytes keys and support up to 2 matches
per packet to support different functions such as ACL+Qos, ACL+routing, etc.
2.7.1
ACL Rule
The ACL rule is constructed from a packet patters, pattern mask and action. The pattern can be
defined as MAC layer or Layer 3 (IPv4 or IPv6) or user defined window.
The ACL pattern types supported by the AR8327 are listed in Table 2-5.
Table 2-5.
PatternTypes
Value
Description
1
MAC Pattern
2
IPV4 Pattern
3
IPV6 Pattern 1
4
IPV6 Pattern 2
5
IPV6 Pattern 3
6
WINDOW Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com