Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 66Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 68Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 69Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 70Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 394 page
background image
70 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
70 • June 2011
COMPANY CONFIDENTIAL
3.2.13
MDIO Master Control
Address 0x003C
SFT&HW RST
Table 3-16 summarizes the MDIO Master Control Register
3.2.14
BIST_CTRL
Address 0x0040
SFT&HW RST
19
R/W
0
SGMII_CLK125M_RX_SEL
SGMII interface Rx clock selection
1 = inverse clock
18
R/W
0
SGMII_CLK125M_TX_SEL
SGMII interface Tx clock selection
1 = inverse clock
17:10
R/W
0
RESERVED
9:0
R/W
0
RESERVED
Table 3-15.
MInterface High Address Register
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-16.
MDIO Master Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
MDIO_BUSY
1'b1: internal MDIO interface is busy.
This bit should be set to 1'b1 when cpu read or
write phy register through internal mdio
interface, and should be clear after hardware
finish the command.
30
R/O
0
MDIO_MASTER_EN
1''b1: use mdio master to config phy register. Mdc
should be changed to internal mdc to phy.
29:28
R/W
0
Reserved
27
R/O
0
MDIO_CMD
1'b0: write
1'b1: read
26
R/W
0
MDIO_SUP_PRE
1'b1: suppress preamble enable
1'b0: with 32 bits preamble
25:21
R/O
0
PHY_ADDR
Phy address
20:16
R/W
0
REG_ADDR
Phy register address
15:0
R/W
0
MDIO_DATA
When write, these bits are data written to phy
register. When read, these bits are data read out
from phy register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com