Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 28Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 29Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 394 page
background image
26 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
26 • June 2011
COMPANY CONFIDENTIAL
2.4 Header for Read/Write Register.
The AR8327 supports the read/write register through the Atheros Header. The figure is the frame
format of the read/write register command.
2.5 Media Access Controllers (MAC)
The AR8327 integrates seven independent GB Ethernet MACs that perform all functions in the IEEE
802.3 specifications, for example, frame formatting, frame stripping, CRC checking, CSMA/CD,
collision handling, and back-pressure flow control. Each MAC supports 10 Mbps, 100 Mbps, or 1000
Mbps operation in either full-duplex or half-duplex mode
2.6 Port Status Configuration
The AR8327 supports flexible port status configuration on a group or per-port basis. Each port has
status registers that provide information about the port interface. The first port (port 0) MAC behaves
as a PHY to allow a direct connection to an external MAC (e.g. a management CPU or a MAC inside a
router). In this mode, the AR8327 drives interface clocks from a CLK pin at the desired frequency. Only
full-duplex modes are supported and need to match the mode of the link partner's MAC. The second
RGMII interface supports a PHY interface as a WAN port.
2.6.1
Full-Duplex Flow Control
The AR8327 device supports IEEE 802.3x full-duplex flow control, force-mode full-duplex flow
control, and half-duplex backpressure.
If the link partner supports auto-negotiation, the 802.3x full-duplex flow control is auto-negotiated
between the remote node and the AR8327. If the full-duplex flow control is enabled, when the free
buffer space is almost empty, the AR8327 sends out an IEEE 802.3x compliant PAUSE to stop the
remote device from sending more frames.
2.6.2
Half-Duplex Flow Control
Half-duplex flow control regulates the remote station to avoid dropping packets in network
congestion. Back pressure is supported for half-duplex operations. When the free buffer space is
almost empty, the AR8327 device transmits a jam pattern on the port and forces a collision. If the half-
header
command
data
crc
2 byte
8 byte
Data: 0~16byte
4 byte
padding
4 byte
data
Table 2-4.
Command Format for Read/Write Register using Atheros Header
Bit
Name
Description
18:0
ADDR
The starting register address for the read/write command. The address
must be boundary of word address.
23:20
LENGTH
The data length for read/write register. Maximum 16 bytes.
28
CMD
1'b0: write
1'b1: read
31:29
CHECK_CODE
Must be 3'b101. otherwise the command would be ignored.
63:32
SEQ_NUM
The Sequence number can be checked by CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com