Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 50Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
47
2.17.3
Forwarding Unknown
The AR8327 can be configured to prevent the forwarding of unicast frames and multicast frames with
unregistered destination MAC address on per port base. This can be done by setting UNI_FLOOD_DP
and MULTI_FLOOD_DP where a bit represents a port of the AR8327.
2.17.4
MAC Limit
The AR8327 supports MAC limit on a per-port basis or a global basis. When the number of learned
MAC address limit is reached, the AR8327 can be configured to forward a frame with a new source
MAC address to the CPU or it can be dropped.
2.18 Spanning Tree
IEEE 802.1D Spanning Tree allows bridges to automatically prevent and resolve Layer 2 forwarding
loops. Switches exchange BPDUs and configuration messages and selectively enable and disable
forwarding on specified ports. A tree of active forwarding links ensures an active path between any
two nodes in the networks. Spanning Tree can be enabled globally or on a per-port basis by
configuring the Port Status register.
2.18.1
EEPROM Programming Format
Figure 2-4 shows the EEPROM programming format. Note that the last register should be at
address 0, and the LOAD_EEPROM bit written to 1'b0 to stop the load EEPROM state machine.
2.18.2
Basic Switch Operation
The AR8327 automatically learns the port number of an attached end station by looking at the source
MAC address of all incoming packets at wire speed. If the source address is not found in the address
table, the AR8327 device adds it to the table. Once the MAC address/port number mapping is learned,
all packets directed to that end station’s MAC address are forwarded to the learned port number only.
When the AR8327 device receives incoming packets from one of its ports, it searches in its address
table for the destination MAC address, then forwards the packet to the appropriate port within the
VLAN group. If the destination MAC address is not found (i.e. a new, unlearned MAC address), the
AR8327 handles the packet as a broadcast packet and transmits it to all ports within the VLAN group
except to the port where it came in.
2.18.3
Lookup Engine
The AR8327 lookup engine or address resolution logic (ARL) retrieves the DA and SA from each frame
received from each port. The ARL performs all address searching, learning, and aging functions at
wire speed. The ARL engine uses a hashing algorithm for fast storage and retrieval of address entries.
To avoid hash collision, the AR8327 uses a three-entry bin per hash location that stores up to three
MAC addresses at each hash location. The address database is stored in the embedded SRAM and has
a size of 2048 entries.
Figure 2-4.
EEPROM Programming Format
C0DE
Switch register
0
2
Checksum[15:0]
1
Addr[13:2]
Data[15:0]
Data[31: 16]
1
High addr[4:0]
10'b0
High addr
4'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com