Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
23
2. Functional Description
The AR8327 supports many operating modes that can be configured using a low-cost serial EEPROM
and/or the MDC/MDIO interface. The AR8327 also supports a CPU header mode that appends two
bytes to each frame.
The CPU can deheader frame with header to configure the switch register, the address lookup table,
and VLAN and receive auto-cast MIB frames. The sixth port (port5) supports a PHY interface as a
WAN port. The first port (port0) supports a MAC interface and can be configured in MII-PHY or
RMII-PHY mode to connect to an external management CPU or an integrated CPU in a routing or
xDSL engine.
The AR8327 contains a 2 K-entry address lookup table that employs three entries per bucket to avoid
hash collision and maintain non-blocking forwarding performance. The table provides read/write
accesses from the serial and CPU interfaces; each entry can be configured as a static entry. The AR8327
supports 4K VLAN entries configurable as port-based VLANs or 802.1Q tag-based VLANs.
To provide non-blocking switching performance in all traffic environments, the AR8327 supports
several types of QoS function with four-level priority queues based on port, IEEE 802.1p, IPv4 DSCP,
IPv6 TC, 802.1Q VID, or MAC address. Back pressure and pause frame-based flow control schemes are
included to support zero packet loss under temporary traffic congestion.
Meeting today’s service provider requirements, the AR8327 switch uses the latest Atheros QoS switch
architecture that supports ingress policing and egress rate limiting. The AR8327 device supports IPv4
IGMP snooping and IPv6 MLD snooping to significantly improve the performance of streaming
media and other bandwidth-intensive IP multicast applications.
IEEE 802.3x full duplex flow control and back-pressure half duplex flow control schemes are
supported to ensure zero packet loss during temporary traffic congestion.
A broadcast storm control mechanism prevents the packets from flooding into other parts of the
network. The AR8327 device has an intelligent switch engine to prevent Head-of-Line blocking
problems on per-CoS basis for each port.
2.1 Applications
2.1.1
AP Router Application
Figure 2-1 shows the block diagram for an AP router application. This solution is a complete end-to-
end 802.AP RJ-45-to-air router 802.11n wireless network processing solution. The AR8327 eliminates
the external PHY for the WAN interface. Note that the AR8327 can also work as a one-arm router.
Figure 2-1.
AP Router Application
WASP
High
Performance
Wifi SoC
RGMII
RGMII
S17
7-Port
Giga
Ethernet
Switch
GE
MAC 0
GE
PHY 0
GE
PHY 1
GE
PHY 2
GE
PHY 3
LAN
LAN
LAN
LAN
WAN
PC
PC
NAS
Printer
DSL
Modem
RJ11
GE
PHY 4
GE
MAC 6
HomePlug /
HomePNA/
MoCA
xMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com