Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AR8327N-AL1A-R Datasheet HTML 1Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 2Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 3Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 4Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 5Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 6Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 394 page
background image
2 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
2 • June 2011
COMPANY CONFIDENTIAL
n The AR8327 chip (without the ‘N’
designation) does not contain the Hardware
NAT function
n ACL Mask Rule from Layer1~4. Port No,
DA, SA, Ethernet Type, VLAN, IP Protocol,
IPv4/v6 Source/Destination Address,
TCP/UDP Source/Destination port
n 96 ACL Mask Rule for Pass/Drop, VLAN/
Q.O.S./DSCP Mapping/Translation
n User define ACL up to 48 bytes depth in
Layer 4/3/2
n Q.O.S mechanisms include Weight Round
Robin, Strict, Hybrid Up Queue
n Port Base VLAN & 4K 802.1Q VLAN Group
n IVL & SVL
n IGMP Snooping V1, V2 & V3. IPv6 MLD V1/
V2 forwarded to CPU
n Supports Light Hardware IGMP snooping
v1/v2/v3, MLDv1/v2 and Smart Leave
n Hardware Looping Detection
n QinQ function for SVLAN & CVLAN
Translation
n IP Packet/PPPoE bypass to reduce CPU
loading on Video packet
n 16 PPPoE session support/PPP Session
Header Removal/Addition
n Scalable Ingress/Egress Bandwidth Control
n 40 MIBs Counter/Port & Port Status.
n 1M Bit Packet Buffer
n Supports 9K Jumbo Frame
n Port Mirror, 802.1X Security, Rapid Spanning
Tree
n Rule-based Bandwidth Control
n Programmable Wake on LAN
n Half Power Mode for Cable length less than
30m (for home installations)
n Supports Internal/External Loopback
n Supports Reduced AFE circuit
n 2K MAC Table. Edit, Search, Add & Delete.
n MAC Limit by Port/Chip/VLAN
n Trunking Function
n Supports Trunking and auto-failover
n Power Saving on Cable no Link, short Cable
& 10BASE-Te Idle
n Supports 1K NAPT entries and 128
hardware based host routing (ARP) entries
n Supports hardware-based IP source guard,
ARP inspection, routing/L3 switching
n Supports VLAN translation and mapping
with 64 Translation entries
n 148 pin DRQFN, 0.11um
AR8327 System Block Diagram
Configuration
Registers
MB/Statistics
Counters
LED
Controller
MDC/MDIO
QoS Engine
Buffer Memory
VLAN Table
Lookup Engine
MAC Table Memory
Queue Manager
Bandwidth Control
7-Port Gigabit Ethernet Switch Engine
Port 0
GMAC
GMII/
RGMII
Port 1
GMAC
10/100 /1000
Based -T
PHY
Port 2
GMAC
Port 3
GMAC
Port 4
GMAC
Port 5
GMAC
EEPROM
LED
MDC/
MDIO
10/100 /1000
Based -T
PHY
10/100 /1000
Based -T
PHY
10/100 /1000
Based -T
PHY
10/100 /1000
Based -T
PHY
RGMII
Port 6
GMAC
Serdes
Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com