Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 32Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 33Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 34Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 35Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 394 page
background image
36 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
36 • June 2011
COMPANY CONFIDENTIAL
2.8 Register Access
The MDIO interface allows users to access the Switch internal registers and MII registers. The figure
shown below is the format to access MII registers in the embedded PHY. The PHY address is from
0x00 up to 0x04. The Op code “10” indicates the read command and “01” is the write command.
The Switch internal registers are 32-bits wide, but the MDIO access is only 16-bits wide. So it needs 2
times access to complete the internal registers access. Moreover the address spacing is more than 10
bits supported by MDIO, So it needs to write the upper address bits to internal registers, like page
mode access method. For example, the register address bit 18 to 9 are treated as page address and will
be written out first as High_addr[9:0], refer the Table 1 below. Then the register could be accessed via
Tables 2, where Low_addr[7:1] is the address bit [8:2] of register and Low_add[0] is 0 for Data[15:0] or
Low_addr[0] is 1 for Data[31:16].
1. First, write high-address command.
Where High_Addr[9:0] is address[18:9] for register, as follows:
2. Second, read/write 32 bit register data
command.
Table 2: where Low_Addr[7:1] is address [8:2] of register and Low_Addr[0] is 0 for Data[15:0], 1 for
Data[31:16]
14:13
TYPE MASK
15
Reserved
16
[7:6] RULE VALID
2'b00:start; 2'b01:continue; 2'b10:end; 2'b11:start&end
[5] FRAME WITH CTAG
MASK
1'b1: consider FRAME_WITH_CTAG
1'b0: ignore FRAME_WITH_CTAG
[4]
FRAME_WITH_CTAG
1'b1: frame with CTAG
1'b0: frame without CTAG
[3] CVID MASK
1'b1:mask;1'b0:range
[2:0] RULE TYPE
These three bits must be 3'b111 to indicate the Enhanced MAC Rule.
Table 2-20.
Enhanced MAC Pattern Mask
TA
[1:0]
2'b10 Low_addr[7:0]
start Op
Data[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com