Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AR8327N-AL1A-R Datasheet HTML 1Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 2Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 3Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 4Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 5Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 6Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 394 page
background image
COMPANY CONFIDENTIAL
•
1
Data Sheet
© 2010 by Atheros Communications, Inc. All rights reserved. Atheros®, Atheros Driven®, Align®, Atheros XR®, Driving the Wireless Future®, Intellon®, No New Wires®,
Orion®, PLC4Trucks®, Powerpacket®, Spread Spectrum Carrier®, SSC®, ROCm®, Super A/G®, Super G®, Super N®, The Air is Cleaner at 5-GHz®, Total 802.11®, U-
Nav®, Wake on Wireless®, Wireless Future. Unleashed Now.®, and XSPAN®, are registered by Atheros Communications, Inc. Atheros SST™, Signal-Sustain Technology™,
Ethos™, Install N Go™, IQUE™, ROCm™, amp™, Simpli-Fi™, There is Here™, U-Map™, U-Tag™, and 5-UP™ are trademarks of Atheros Communications, Inc. The
Atheros logo is a registered trademark of Atheros Communications, Inc. All other trademarks are the property of their respective holders. Subject to change without notice.
June 2011
Version 1.0
AR8327/AR8327N Seven-port Gigabit Ethernet Switch
General Description
The AR8327 is a highly integrated seven-port
Gigabit Ethernet switch with non-blocking
switch fabric, a high-performance lookup unit
with 2048 MAC address, and a four-traffic class
Quality of Service (QoS) engine. The AR8327
has the flexibility to support various networking
applications. The AR8327 is designed for cost-
sensitive switch applications in wireless AP
routers, home gateways, and xDSL/cable
modem platforms.
The AR8327
integrates all the functions of a
high-speed Switch system, including packet
buffer, PHY transceivers, media access
controllers, address management, and a non-
blocking switch fabric into a single 0.11 um
CMOS device. It complies with 10BASE-Te,
100BASE-Tx & 1000BASE-T specifications,
including the MAC control, pause frame, and
auto-negotiation subsections, providing
compatibility with all industry-standard
Ethernet, Fast Ethernet & Gigabit Ethernet
networks.
The AR8327
device contains five full-duplex
10BASE-Te/100BASE-TX/1000BASE-T
transceivers and 10BASE-Te/100BASE-TX can
run at half duplex, each of which performs all
of the physical layer interface functions for
10BASE-Te Ethernet on Category 5 unshielded
twisted-pair (UTP) cable and 100BASE-TX
Fast/Gigabit Ethernet on Category 5 UTP
cable. The remaining 2 ports feature a standard
GMII/RGMII/MII/Serdes interface to allow
connection to a host CPU in PON/xDSL/
Cable/Wifi/Fiber routers. The media access
controllers on the AR8327 also support Jumbo
Frames which are typically used for high-
performance connections to servers because
they offer a smaller percentage of overhead on
the link for more efficiency.
MDC/MDIO or EEPROM interfaces provide
easy programming of the on-chip 802.1p QoS
and/or DiffServ/TOS. This allows switch
traffic to be given different classes of priority or
service - for example, voice traffic for IP phone
applications, video traffic for multimedia
applications, or data traffic for e-mail. Up to 4K
Virtual LANs (VLANs) can be set up via the
MDC/MDIO port for separation of different
users or groups on the network. ACL features
can reduce CPU effort for VLAN/Q.O.S/
DSCP/Forward mapping & remapping based
on layer1 to Layer4 information. 16 PPPoE
header add/removal can increase Video
quality and offload the CPU. Hardware IGMP
V1/V2/V3 is an innovation for IPTV service.
Green Power can increase energy efficiency for
no link or idle states.
The AR8327N chip supports hardware NAT
(Network Address Translation) to offload the
CPU and achieve the full wire speed when
doing NAT. The AR8327/AR8327N supports
the following modes of NAT.
1. Basic NAT: This involves IP address
translation only, not port mapping.
2. Network Address Port Translation (NAPT):
This involves the translation of both IP
addresses and port numbers. For the NAPT
mode, the AR8327/AR8327N can support
Full cone NAT, Restricted cone NAT, Port-
Restricted cone NAT and Symmetric NAT.
e AR8327/AR8327N supports the following
configurations
n 5*10/100/1000Base-T + GMII/RGMII/MII
+ 1* Serdes
n 5* 10/100/1000Base-T + 2*RGMII/MII
n 4* 10/100/1000Base-T + 1*RGMII/MII + 1*
Single RGMII PHY
AR8327/AR8327N Features
The AR8327
chip family includes a 7-port MAC
structure to support the following family of
switch chips:
n Supports 802.3az Power Management
n The AR8327N chip includes the Hardware
NAT (Network Address Translation)
function


Similar Part No. - AR8327N-AL1A-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AR83C151C-12 TEMIC-AR83C151C-12 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AR83C151C-16 TEMIC-AR83C151C-16 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AR83C151C-20 TEMIC-AR83C151C-20 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AR83C151C-25 TEMIC-AR83C151C-25 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AR83C151C-30 TEMIC-AR83C151C-30 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AR8327N-AL1A-R

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
Gigabit Ethernet Switch Port Controller
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
Gigabit Ethernet Switch - 5 Port
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
8-Port Gigabit Ethernet Switch
GEU-1621 LVL1-GEU-1621 Datasheet
323Kb / 3P
16-Port Gigabit Ethernet Switch
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
5-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-1657 LVL1-GSW-1657 Datasheet
544Kb / 2P
16-Port Gigabit Ethernet Switch
GSW-2457 LVL1-GSW-2457 Datasheet
564Kb / 2P
24-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5726 ADVANTECH-EKI-5726 Datasheet
415Kb / 2P
16-port Gigabit Ethernet ProView Switch
16-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com