Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 54Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 55Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 56Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 57Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 58Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 59Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 60Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 61Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 394 page
background image
58 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
58 • June 2011
COMPANY CONFIDENTIAL
3.2 Global Register Summary (Address Range 0x0000 ~ 0x00B4)
Table 3-3 summarizes the registers.
Table 3-3.
Register Summary
Name
Address
Reset
MASK CONTROL REGISTER
0x0000
HARD
PAD0 MODE CONTROL REGISTER
0x0004
HARD
PAD5 MODE CONTROL REGISTER
0x0008
HARD
PAD6 MODE CONTROL REGISTER
0x000C
HARD
POWER ON STRIPT REGISTER
0x0010
HARD
GLOBAL INTERRUPT REGISTER
0x0020~0x0024
HARD & SOFT
GLOBAL INTERRUPT MASK REGISTER
0x0028~0x002C
HARD & SOFT
MODULE ENABLE CONTROL REGISTER
0x0030
HARD & SOFT
MIB FUNCTION REGISTER
0x0034
HARD & SOFT
INTERFACE HIGH ADDRESS REGISTER
0x0038
HARD & SOFT
MDIO MASTER CONTROL REGISTER
0x003C
HARD & SOFT
BIST CONTROL REGISTER
0x0040
HARD & SOFT
BIST RECOVER REGISTER
0x0044
HARD
SERVICE TAG REGISTER
0x0048
HARD & SOFT
LED CONTROL REGISTER
0x0050~0x005C
HARD
GLOBAL MAC ADDRESS
0x0060~0x0064
HARD
MAC SIZE REGISTER
0x0078
HARD & SOFT
PORT0 STATUS REGISTER
0x007C
HARD & SOFT
PORT1 STATUS REGISTER
0x0080
HARD & SOFT
PORT2 STATUS REGISTER
0x0084
HARD & SOFT
PORT3 STATUS REGISTER
0x0088
HARD & SOFT
PORT4 STATUS REGISTER
0x008C
HARD & SOFT
PORT5 STATUS REGISTER
0x0090
HARD & SOFT
PORT6 STATUS REGISTER
0x0094
HARD & SOFT
HEADER CONTROL REGISTER
0x0098
HARD & SOFT
PORT0 HEADER CONTROL REGISTER
0x009C
HARD & SOFT
PORT1 HEADER CONTROL REGISTER
0x00A0
HARD & SOFT
PORT2 HEADER CONTROL REGISTER
0x00A4
HARD & SOFT
PORT3 HEADER CONTROL REGISTER
0x00A8
HARD & SOFT
PORT4 HEADER CONTROL REGISTER
0x00AC
HARD & SOFT
PORT5 HEADER CONTROL REGISTER
0x00B0
HARD & SOFT
PORT6 HEADER CONTROL REGISTER
0x00B4
HARD & SOFT
SGMII CONTROL REGISTER
0x00E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com