Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 59Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 60Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 61Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 62Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 63Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 64Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 65Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 66Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
63
3.2.5
PWS_REG
Address 0x0010
HW RST
Table 3-8 summarizes the PWS_REG Registers.
5
R/W
0
Mac6_mac_gmii_txclk_sel
1'b1 select invert clock output for port6
macmode, GMII interface txclk
4
R/W
0
Mac6_mac_gmii_rxclk_sel
1'b1 select invert clock input for port6
macmode, GMII interface rxclk
3
R/O
0
RESERVED
2
R/W
0
Mac6_mac_mii_en
1'b1 mac6 connected to cpu through
MII interface, mac mode
1
R/W
0
Mac6_mac_mii_txclk_sel
1'b1 select invert clock input for port6
macmode, MII interface txclk
0
R/W
0
Mac6_mac_mii_rxclk_sel
1'b1 select invert clock input for port6
macmode, MII interface rxclk
Table 3-7.
PORT6 PAD MODE CTRL Register
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-8.
Power-on Strapping Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
POWER_ON_SEL
Power on strapping select
1 = use register configuration value to replace
power on strapping for bits 25:24
30
R/W
0
PACKAGE148_EN
1 = Enable the MAC interface configuration for
the 148-pin package
0 = 176-pin interface configuration
29:28
R/W
0
Reserved
27
R/W
0
INPUT_MODE
1 = All GMII interface digital PAD work at input
mode.
26
R/W
0
RESERVED
25
R/W
0
SPI_EN_CSR
1 = EEPROM is connected to the switch
24
R/W
0
LED_OPEN_EN_CSR
1 = LED PAD is in open drain mode
0 = LED PAD is in driver mode
23:22
R/W
0
RESERVED
21
R/W
1
RESERVED
20:19
R/W
0
RESERVED
18:17
R/W
1
RESERVED
16:13
R/W
0
RESERVED
12
R/W
1
RESERVED
11:10
R/W
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com