Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 50Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 51Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 52Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 53Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 394 page
background image
50 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
50 • June 2011
COMPANY CONFIDENTIAL
2.19 HNAT
The AR8327N supports hardware NAT (Network Address Translation) to offload the CPU loading
and achieve the full wire speed when doing the NAT. The AR8327N support the following mode of
NAT.
1. Basic NAT: This involves IP address translation only, not port mapping.
2. Network Address Port Translation (NAPT): This involves the translation of both IP addresses and
port numbers. For the NAPT mode, the AR8327N can support Full cone NAT, Restricted cone NAT,
Port-Restricted cone NAT and Symmetric NAT.
The HNAT can automatically check the inbound and outbound traffic. If the traffic is matched the
entry in the NAT or NAPT tables, then the HNAT can modify the packets accordingly without the
CPU involved. For the outbound traffic from private network to public network, the HANT will do
the SNAT. For the inbound traffic, the HNAT will do the DNAT.
SNAT involves the following two steps:
1. Router will use frame DIP to lookup the ARP table and use the DA in the ARP table to replace the
original DA in the frame. Router will also replace the original SA with the Router MAC address.
2. NAT will replace the frame SIP and SP with the translation IP and Port number in the NAPT table.
DNAT involves the following two steps.
1. NAT will replace the frame DIP and DP with the private IP and private port number in the NAPT
table.
2. Router will lookup the private IP in ARP table and will replace the DA by the MAC address in the
table. Router will also replace the SA with Router MAC address.
2.19.1
Basic NAT Table
There are 32 entries in the Basic NAT table. This table is maintained by the CPU only.
54:48
DES_PORT
These bits indicate which ports are associated with this MAC address when
they are set to ‘1’. Bit 48 is assigned to Port0, 49 to Port1, 50 to Port2, etc.
47:0
ADDRESS
48bit MAC address
Table 2-34.
Basic NAT Table
Bit
Name
Description
79
VALID
1'b1: entry valid; 1'b0: invalid entry
78
PORT NUM EN
Port number compare enable
When do SNAT, compare to frame SP
When do DNAT, compare to frame DP
77:76
PROTOCOL
Protocol, compare to frame type.
2'b00:TCP
2'b01:UDP
2'b10:GRE
2'b11:Reserved
75:74
HASHKEY
The value will be compared with the hash value generated by the
frame's SIP and/or SP depending on the NAT_HASH_MODE.
Table 2-33.
RESERVED ATU Entry
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com