Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 15Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 16Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 17Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 18Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
19
SON
A76
OA
Serdes differential output pair
SIP
A78
IA
Serdes differential input pair
SIN
B67
IA
Serdes differential input pair
Miscellaneous
RBIAS
B9, B30
OA
Connect 2.37 kresistor to GND. The resistor value is
adjustable, depending on the PCB.
RESET_L
B43
IH
Chip reset, active low. The active low duration must be greater
than 10ms.
TESTMODE
B65
I
0
Normal mode
1Test mode
XTLI
B10
IA
Crystal oscillator input, connect a 27 pF capacitor to GND.
An external 25 MHz clock with swing from 0–1 V can be
injected to this pin. When an external clock source is used, the
27 pF capacitor should be removed from this pin and the 27 pF
capacitor at XTLO should be maintained.
XTLO
B11
OA
Crystal oscillator output, connect a 27 pF capacitor to GND
INT_n
B68
I/O, PU
Interrupt, active low. see the global interrupt register for detail
VREF
B8,
A35
OA
Reference voltage, put a 1 nF cap to GND
Symbol
Pin
Type
Description
Power
AVDD
B3, B6, A13, A15, A18, B21,
B24, B27, B29, B33, B36,
A47, A77
P
Analog 1.1V power input
DVDD
B1, A20, A53, B50, B54,
B56, B61, B76
P
Digital 1.1V power input
VDD15_REG_0
B59
MAC 0 interface power source. It can be connected to
external 2.5V power or only connect an external
capacitor 1uF and using internal LDO for 1.8V or 1.5V
interface power.
VDD15_REG_1
A56
P
MAC 6 interface power source. It can be connected to
external 2.5V power or only connect an external
capacitor 1uF when using internal LDO for 1.8V or
1.5V interface power.
FILCAP_15
B62, A71, A61
P
connect to an external capacitor 0.1uF for power
supply stablization.
VDD33_SVR
A86
p
The 3.3V power for internal switching regulator
LX
B75
AO
The output of internal switching regulator and
connected to an inductor 4.7uH, 1A to generate 1.1V
power
Table 1-1.
Signal to Pin Relationships and Descriptions (continued)
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com