Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 138Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 139Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 140Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 141Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 142Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 143Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 144Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 145Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 146Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 394 page
background image
142 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
142 • June 2011
COMPANY CONFIDENTIAL
3.6.22
PORT0_PRI_CTRL
Address 0x0664
SFT&HW RST
Table 3-128 summarizes the PORT0_PRI_CTRL Register
Table 3-128.
Port 0 Priority Control Register
9:8
R/W
2'b00
VLAN_MODE_0
802.1Q mode for this port.
2'b00: 802.1Q disable. Use port base
VLAN only.
2'b01: fallback. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation and use the port
base VLAN if the frame's VID isn't
contained in VLAN Table.
2'b10: check. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation but discard
frames which VID isn't contained in
VLAN Table.
2'b11: secure. Enable 802.1Q for all
received frames. Discard frames with
ingress membership violation or whose
VID isn't contained in the VLAN Table.
7R/O
0
RESERVED
6:0
R/W
'h7E
PORT_VID_MEM_0
Port Base VLAN Member. Each bit
restrict which port can send frames to.
To send frames to port0, bit 16 must be
set to 1'b1, etc. These bits are set to one
after reset except the port's bit. This
prevents frames going out the port
they received in.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLAN_EN_0
19
R/O
0
RESERVED
18
R/W
0
DA_PRI_EN_0
1'b1: DA priority can be used for QOS.
17
R/W
0
VLAN_PRI_EN_0
1'b1: VLAN priority can be used for
QOS.
16
R/W
0
IP_PRI_EN_0
1'b1: TOS/TC can be used for QOS.
15:8
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com