Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 172 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 172 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 168Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 169Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 170Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 171Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 172Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 173Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 174Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 175Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 176Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 394 page
background image
172 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
172 • June 2011
COMPANY CONFIDENTIAL
3.6.42
GOL_TRUNK_CTRL0
Address 0x0700
SFT&HW RST
Table 3-148 summarizes the GOL_TRUNK_CTRL0 Register 0
26
R/W
0
IGMP_LEARN_LIMIT_DROP_EN
_6
1'b1: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to IGMP_JOIN_CNT_4
1'b0: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to IGMP_JOIN_CNT_4
25:16
R/W
0
IGMP_JOIN_CNT_6
HARDWARE JOIN IGMP. WHEN
JOIN NEW ENTRY OR NEW PORT TO
IGMP +1, LEAVE OR AGE -1
15:12
R/W
7
SA_LEARN_STATUS_6
IF LESS THAN 0X7, DYNAMIC CAN
BE FRESH TO SETTING VALUE AND
AGE
11
R/W
0
SA_LEARN_LIMIT_EN_6
1'b1: SA Learn Limit enable.
10
R/W
0
SA_LEARN_LIMIT_DROP_EN_6
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to SA_LEARN_CNT_4
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to SA_LEARN_CNT_4
9:0
R/W
0
SA_LEARN_CNT_6
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
1023: indicates the MAC limit is 1024
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com