Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 194 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 194 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 190Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 191Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 192Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 193Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 194Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 195Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 196Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 197Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 198Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 394 page
background image
194 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
194 • June 2011
COMPANY CONFIDENTIAL
3.7.17
PORT0_EG_RATE_CTRL5
Address 0x08A4
SFT&HW RST
Table 3-168, “Port 0 Rate Limit Control Register 5,” on page 194 summerizes the
PORT0_EG_RATE_CTRL5 Register 5
Table 3-168.
Port 0 Rate Limit Control Register 5
3.7.18
PORT0_EG_RATE_CTRL6
Address 0x08A8
SFT&HW RST
Table 3-169 summerizes the PORT0_EG_RATE_CTRL6 Register 6
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_EIR _0
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI5_EIR _0
Egress Rate Limit for priority 5.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 5. if these bits
are set to 15'h0, no priority 5 frame
should be send out from this port.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI4_EIR_0
Egress Rate Limit for priority 4.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 4. if these bits
are set to 15'h0, no priority 4 frame
should be send out from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com